Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ9945AE Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQ9945AE
Description  Package with Low Thermal Resistance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ9945AE Datasheet(HTML) 2 Page - Vishay Siliconix

  SQ9945AE Datasheet HTML 1Page - Vishay Siliconix SQ9945AE Datasheet HTML 2Page - Vishay Siliconix SQ9945AE Datasheet HTML 3Page - Vishay Siliconix SQ9945AE Datasheet HTML 4Page - Vishay Siliconix SQ9945AE Datasheet HTML 5Page - Vishay Siliconix SQ9945AE Datasheet HTML 6Page - Vishay Siliconix SQ9945AE Datasheet HTML 7Page - Vishay Siliconix SQ9945AE Datasheet HTML 8Page - Vishay Siliconix SQ9945AE Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
Document Number: 74499
2
S-81559-Rev. B, 23-Oct-08
SQ9945AEY
Vishay Siliconix
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
-
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.0
-
3.0
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = 60 V
-
-
1.0
µA
VGS = 0 V
VDS = 60 V
-
-
10
VGS = 0 V
VDS = 60 V, TJ = 55 °C
-
-
-
On-State Drain Currenta
ID(on)
VGS = 10 V
VDS ≥ 5 V
20
-
-
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V
ID = 3.7 A
-
0.060
0.080
Ω
VGS = 10 V
ID = 30 A, TJ = 125 °C
-
-
-
VGS = 10 V
ID = 30 A, TJ = 175 °C
-
-
-
Forward Transconductancea
gfs
VDS = 15 V, ID = 3.7 A
-
-
11
S
Dynamicb
Input Capacitance
Ciss
VGS = 0 V
VDS = 25 V, f = 1 MHz
--
-
pF
Output Capacitance
Coss
--
-
Reverse Transfer Capacitance
Crss
--
-
Total Gate Chargec
Qg
VGS = 10 V
VDS = 30 V, ID = 3.7 A
-11
20
nC
Gate-Source Chargec
Qgs
-2
-
Gate-Drain Chargec
Qgd
-2
-
Turn-On Delay Time c
td(on)
VDD = 30 V, RL = 30 Ω
ID ≅ 1 A, VGEN = 10 V, Rg = 6 Ω
-9
20
ns
Rise Timec
tr
-10
20
Turn-Off Delay Timec
td(off)
-21
40
Fall Timec
tf
-8
20
Source-Drain Diode Ratings and Characteristics TC = 25 °Cb
Pulsed Currenta
ISM
--
-
A
Forward Voltage
VSD
IF = 85 A, VGS = 0 V
-
-
-
V
Reverse Recovery Time
trr
IF = 2 A, dI/dt = 100 A/µs
-45
80
ns
Peak Reverse Recovery Current
IRM(REC)
--
-
A
Reverse Recovery Charge
Qrr
--
-
µC


Similar Part No. - SQ9945AE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ9945AEY VISHAY-SQ9945AEY Datasheet
119Kb / 9P
   Dual N-Channel 60 V (D-S) MOSFET
Rev. B, 23-Oct-08
SQ9945AEY VISHAY-SQ9945AEY Datasheet
129Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ9945AEY-T1 VISHAY-SQ9945AEY-T1 Datasheet
129Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SQ9945AEY-T1-E3 VBSEMI-SQ9945AEY-T1-E3 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Vishay Siliconix
SQ9945AEY-T1-E3 VISHAY-SQ9945AEY-T1-E3 Datasheet
129Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQ9945AE

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SPW08F0D SEOUL-SPW08F0D Datasheet
321Kb / 16P
   Industry Standard SMT package Low thermal resistance
SPWW8F0E SEOUL-SPWW8F0E Datasheet
392Kb / 17P
   Industry Standard SMT package Low thermal resistance
SPW88F0E SEOUL-SPW88F0E Datasheet
387Kb / 17P
   Industry Standard SMT package Low thermal resistance
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
   Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
   Low thermal resistance
April 2017 Rev 3
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
   Low thermal resistance
June 2014 Rev 1
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
   Low thermal resistance
April 2014 Rev 4
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
   Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
   Low thermal resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com