Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ9945AE Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SQ9945AE
Description  Package with Low Thermal Resistance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ9945AE Datasheet(HTML) 3 Page - Vishay Siliconix

  SQ9945AE Datasheet HTML 1Page - Vishay Siliconix SQ9945AE Datasheet HTML 2Page - Vishay Siliconix SQ9945AE Datasheet HTML 3Page - Vishay Siliconix SQ9945AE Datasheet HTML 4Page - Vishay Siliconix SQ9945AE Datasheet HTML 5Page - Vishay Siliconix SQ9945AE Datasheet HTML 6Page - Vishay Siliconix SQ9945AE Datasheet HTML 7Page - Vishay Siliconix SQ9945AE Datasheet HTML 8Page - Vishay Siliconix SQ9945AE Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 74499
www.vishay.com
S-81559-Rev. B, 23-Oct-08
3
SQ9945AEY
Vishay Siliconix
TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
Output Characteristics
Transconductance
Capacitance
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
5
10
15
20
25
012345
VDS - Drain-to-Source Voltage (V)
3 V
VGS = 10 thru 5 V
4 V
0
50
100
150
200
250
300
0
204060
80
100
120
ID - Drain Current (A)
Graph to be available
upon completion
of testing
VDS - Drain-to-Source Voltage (V)
Crss
Coss
0
200
400
600
800
0
102030405060
Ciss
0
5
10
15
20
25
0123456
VGS - Gate-to-Source Voltage (V)
25 °C
150 °C
TC = - 55 °C
ID - Drain Current (A)
0
0.04
0.08
0.12
0.16
0.20
0
5
10
15
20
25
VGS = 10 V
VGS = 4.5 V
Qg - Total Gate Charge (nC)
0
2
4
6
8
10
02468
10
VDS = 30 V
ID = 3.7 A


Similar Part No. - SQ9945AE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ9945AEY VISHAY-SQ9945AEY Datasheet
119Kb / 9P
   Dual N-Channel 60 V (D-S) MOSFET
Rev. B, 23-Oct-08
SQ9945AEY VISHAY-SQ9945AEY Datasheet
129Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ9945AEY-T1 VISHAY-SQ9945AEY-T1 Datasheet
129Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SQ9945AEY-T1-E3 VBSEMI-SQ9945AEY-T1-E3 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Vishay Siliconix
SQ9945AEY-T1-E3 VISHAY-SQ9945AEY-T1-E3 Datasheet
129Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQ9945AE

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SPW08F0D SEOUL-SPW08F0D Datasheet
321Kb / 16P
   Industry Standard SMT package Low thermal resistance
SPWW8F0E SEOUL-SPWW8F0E Datasheet
392Kb / 17P
   Industry Standard SMT package Low thermal resistance
SPW88F0E SEOUL-SPW88F0E Datasheet
387Kb / 17P
   Industry Standard SMT package Low thermal resistance
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
   Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
   Low thermal resistance
April 2017 Rev 3
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
   Low thermal resistance
June 2014 Rev 1
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
   Low thermal resistance
April 2014 Rev 4
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
   Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
   Low thermal resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com