Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14025BDR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC14025BDR2G
Description  B-SUFFIX SERIES CMOS GATES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14025BDR2G Datasheet(HTML) 4 Page - ON Semiconductor

  MC14025BDR2G Datasheet HTML 1Page - ON Semiconductor MC14025BDR2G Datasheet HTML 2Page - ON Semiconductor MC14025BDR2G Datasheet HTML 3Page - ON Semiconductor MC14025BDR2G Datasheet HTML 4Page - ON Semiconductor MC14025BDR2G Datasheet HTML 5Page - ON Semiconductor MC14025BDR2G Datasheet HTML 6Page - ON Semiconductor MC14025BDR2G Datasheet HTML 7Page - ON Semiconductor MC14025BDR2G Datasheet HTML 8Page - ON Semiconductor MC14025BDR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC14001B Series
http://onsemi.com
4
B−SERIES GATE SWITCHING TIMES
SWITCHING CHARACTERISTICS (5) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Vdc
Min
Typ (6)
Max
Unit
Output Rise Time, All B−Series Gates
tTLH = (1.35 ns/pF) CL + 33 ns
tTLH = (0.60 ns/pF) CL + 20 ns
tTLH = (0.40 ns/PF) CL + 20 ns
tTLH
5.0
10
15
100
50
40
200
100
80
ns
Output Fall Time, All B−Series Gates
tTHL = (1.35 ns/pF) CL + 33 ns
tTHL = (0.60 ns/pF) CL + 20 ns
tTHL = (0.40 ns/pF) CL + 20 ns
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
MC14001B, MC14011B only
tPLH, tPHL = (0.90 ns/pF) CL + 80 ns
tPLH, tPHL = (0.36 ns/pF) CL + 32 ns
tPLH, tPHL = (0.26 ns/pF) CL + 27 ns
All Other 2, 3, and 4 Input Gates
tPLH, tPHL = (0.90 ns/pF) CL + 115 ns
tPLH, tPHL = (0.36 ns/pF) CL + 47 ns
tPLH, tPHL = (0.26 ns/pF) CL + 37 ns
8−Input Gates (MC14068B, MC14078B)
tPLH, tPHL = (0.90 ns/pF) CL + 155 ns
tPLH, tPHL = (0.36 ns/pF) CL + 62 ns
tPLH, tPHL = (0.26 ns/pF) CL + 47 ns
tPLH, tPHL
5.0
10
15
5.0
10
15
5.0
10
15
125
50
40
160
65
50
200
80
60
250
100
80
300
130
100
350
150
110
ns
5. The formulas given are for the typical characteristics only at 25
_C.
6. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
VDD
14
CL
VSS
7
PULSE
GENERATOR
INPUT
OUTPUT
90%
50%
10%
10%
50%
90%
20 ns
20 ns
tPHL
tPLH
tTLH
tTHL
VOL
VOH
0 V
VDD
INPUT
OUTPUT
INVERTING
*All unused inputs of AND, NAND gates must be connected to VDD.
All unused inputs of OR, NOR gates must be connected to VSS.
90%
50%
10%
VOL
VOH
OUTPUT
NON−INVERTING
tTHL
tTLH
tPLH
tPHL
*
Figure 1. Switching Time Test Circuit and Waveforms


Similar Part No. - MC14025BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14025BDR2G ONSEMI-MC14025BDR2G Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
MC14025BDR2G ONSEMI-MC14025BDR2G Datasheet
135Kb / 11P
   B-Suffix Series CMOS Gates
July, 2014 ??Rev. 11
More results

Similar Description - MC14025BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14011BDG ONSEMI-MC14011BDG Datasheet
164Kb / 12P
   B-Suffix Series CMOS Gates
April, 2013 ??Rev. 10
MC14001B ONSEMI-MC14001B Datasheet
261Kb / 12P
   B-Suffix Series CMOS Gates
February, 2005 ??Rev. 4
MC14001B ONSEMI-MC14001B_14 Datasheet
135Kb / 11P
   B-Suffix Series CMOS Gates
July, 2014 ??Rev. 11
MC14012B ONSEMI-MC14012B Datasheet
177Kb / 8P
   B-Suffix Series CMOS Gates
April, 2000 ??Rev. 3
MC14001BDG ONSEMI-MC14001BDG Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
logo
Motorola, Inc
MC14001 MOTOROLA-MC14001 Datasheet
327Kb / 11P
   B-Suffix Series CMOS Gates
logo
ON Semiconductor
MC14001UB ONSEMI-MC14001UB Datasheet
216Kb / 8P
   UB-Suffix Series CMOS Gates
February, 2005 ??Rev. 5
MC14001UB ONSEMI-MC14001UB_09 Datasheet
194Kb / 7P
   UB-Suffix Series CMOS Gates
September, 2009 ??Rev. 7
MC14001UB ONSEMI-MC14001UB_14 Datasheet
144Kb / 6P
   UB-Suffix Series CMOS Gates
July, 2014 ??Rev. 10
MC14001B ONSEMI-MC14001B_06 Datasheet
195Kb / 14P
   B?뭆uffix Series CMOS Gates
October, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com