Electronic Components Datasheet Search |
|
CC1206DF9BN Datasheet(PDF) 11 Page - YAGEO Corporation |
|
CC1206DF9BN Datasheet(HTML) 11 Page - YAGEO Corporation |
11 / 14 page www.yageo.com Nov. 24, 2016 V.15 Surface-Mount Ceramic Multilayer Capacitors 11 14 Product specification General Purpose 16 V to 50 V NP0 TESTS AND REQUIREMENTS Table 9 Test procedures and requirements TEST TEST METHOD PROCEDURE REQUIREMENTS Mounting IEC 60384- 21/22 4.3 The capacitors may be mounted on printed-circuit boards or ceramic substrates No visible damage Visual inspection and dimensio n check 4.4 Any applicable method using × 10 magnification In accordance with specification Capacitance 4.5.1 Class 1: f = 1 MHz for C ≤ 1 nF, measuring at voltage 1 Vrms at 20 °C f = 1 KHz for C > 1 nF, measuring at voltage 1 Vrms at 20 °C Within specified tolerance Dissipation factor (D.F.) 4.5.2 Class 1: f = 1 MHz for C ≤ 1 nF , measuring at voltage 1 Vrms at 20 °C f = 1 KHz for C > 1 nF, measuring at voltage 1 Vrms at 20 °C In accordance with specification Insulation resistance 4.5.3 At Ur (DC) for 1 minute In accordance with specification Temperature coefficient 4.6 Capacitance shall be measured by the steps shown in the following table. The capacitance change should be measured after 5 min at each specified temperature stage. Step Temperature(℃) a 25±2 b Lower temperature± 3℃ c 25± 2 d Upper Temperature± 2℃ e 25± 2 (1) Class I Temperature Coefficient shall be calculated from the formula as below Temp, Coefficient = 6 10 T x C1 C1 - C2 Δ [ppm/℃] C1: Capacitance at step c C2: Capacitance at 125℃ ∆T: 100℃(=125℃-25℃) (2) Class II Capacitance Change shall be calculated from the formula as below ∆C = C1 C1 - C2 x 100% C1: Capacitance at step c C2: Capacitance at step b or d <General purpose series> Class1: ∆ C/C: ± 30ppm Class2: X7R: ∆ C/C: ± 15% Y5V: ∆ C/C: 22~-82% <High Capacitance series> Class2: X7R/X5R: ∆ C/C: ±15% Y5V: ∆ C/C: 22~-82% |
Similar Part No. - CC1206DF9BN |
|
Similar Description - CC1206DF9BN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |