Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29F080D70M6T Datasheet(PDF) 10 Page - STMicroelectronics

Part # M29F080D70M6T
Description  8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F080D70M6T Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M29F080D70M6T Datasheet HTML 6Page - STMicroelectronics M29F080D70M6T Datasheet HTML 7Page - STMicroelectronics M29F080D70M6T Datasheet HTML 8Page - STMicroelectronics M29F080D70M6T Datasheet HTML 9Page - STMicroelectronics M29F080D70M6T Datasheet HTML 10Page - STMicroelectronics M29F080D70M6T Datasheet HTML 11Page - STMicroelectronics M29F080D70M6T Datasheet HTML 12Page - STMicroelectronics M29F080D70M6T Datasheet HTML 13Page - STMicroelectronics M29F080D70M6T Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
M29F080D
10/36
COMMAND INTERFACE
All Bus Write operations to the memory are inter-
preted by the Command Interface. Commands
consist of one or more sequential Bus Write oper-
ations. Failure to observe a valid sequence of Bus
Write operations will result in the memory return-
ing to Read mode. The long command sequences
are imposed to maximize data security.
Refer to Table 3, Commands, in conjunction with
the following text descriptions.
Read/Reset Command. The Read/Reset com-
mand returns the memory to its Read mode where
it behaves like a ROM or EPROM, unless other-
wise stated. It also resets the errors in the Status
Register. Either one or three Bus Write operations
can be used to issue the Read/Reset command.
The Read/Reset Command can be issued, be-
tween Bus Write cycles before the start of a pro-
gram or erase operation, to return the device to
read mode. Once the program or erase operation
has started the Read/Reset command is no longer
accepted. The Read/Reset command will not
abort an Erase operation when issued while in
Erase Suspend.
Auto Select Command. The Auto Select com-
mand is used to read the Manufacturer Code, the
Device Code and the Block Protection Status.
Three consecutive Bus Write operations are re-
quired to issue the Auto Select command. Once
the Auto Select command is issued the memory
remains in Auto Select mode until a Read/Reset
command is issued. Read CFI Query and Read/
Reset commands are accepted in Auto Select
mode, all other commands are ignored.
From the Auto Select mode the Manufacturer
Code can be read using a Bus Read operation
with A0 = VIL and A1 = VIL. The other address bits
may be set to either VIL or VIH. The Manufacturer
Code for STMicroelectronics is 20h.
The Device Code can be read using a Bus Read
operation with A0 = VIH and A1 = VIL. The other
address bits may be set to either VIL or VIH. The
Device Code for the M29F080D F1h.
The Block Protection Status of each block can be
read using a Bus Read operation with A0 = VIL,
A1 = VIH, and A12-A19 specifying the address of
the block. The other address bits may be set to ei-
ther VIL or VIH. If the addressed block is protected
then 01h is output on Data Inputs/Outputs DQ0-
DQ7, otherwise 00h is output.
Program Command. The
Program
command
can be used to program a value to one address in
the memory array at a time. The command re-
quires four Bus Write operations, the final write op-
eration latches the address and data in the internal
state machine and starts the Program/Erase Con-
troller.
If the address falls in a protected block then the
Program command is ignored, the data remains
unchanged. The Status Register is never read and
no error condition is given.
During the program operation the memory will ig-
nore all commands. It is not possible to issue any
command to abort or pause the operation. Typical
program times are given in Table 4. Bus Read op-
erations during the program operation will output
the Status Register on the Data Inputs/Outputs.
See the section on the Status Register for more
details.
After the program operation has completed the
memory will return to the Read mode, unless an
error has occurred. When an error occurs the
memory will continue to output the Status Regis-
ter. A Read/Reset command must be issued to re-
set the error condition and return to Read mode.
Note that the Program command cannot change a
bit set at ’0’ back to ’1’. One of the Erase Com-
mands must be used to set all the bits in a block or
in the whole memory from ’0’ to ’1’.
Unlock Bypass Command. The Unlock Bypass
command is used in conjunction with the Unlock
Bypass Program command to program the memo-
ry. When the cycle time to the device is long (as
with some EPROM programmers) considerable
time saving can be made by using these com-
mands. Three Bus Write operations are required
to issue the Unlock Bypass command.
Once the Unlock Bypass command has been is-
sued the memory will only accept the Unlock By-
pass Program command and the Unlock Bypass
Reset command. The memory can be read as if in
Read mode.
Unlock Bypass Program Command. The
Un-
lock Bypass Program command can be used to
program one address in the memory array at a
time. The command requires two Bus Write oper-
ations, the final write operation latches the ad-
dress and data in the internal state machine and
starts the Program/Erase Controller.
The Program operation using the Unlock Bypass
Program command behaves identically to the Pro-
gram operation using the Program command. A
protected block cannot be programmed; the oper-
ation cannot be aborted and the Status Register is
read. Errors must be reset using the Read/Reset
command, which leaves the device in Unlock By-
pass Mode. See the Program command for details
on the behavior.
Unlock Bypass Reset Command. The
Unlock
Bypass Reset command can be used to return to
Read/Reset mode from Unlock Bypass Mode.
Two Bus Write operations are required to issue the
Unlock Bypass Reset command. Read/Reset


Similar Part No. - M29F080D70M6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F080D70M6T STMICROELECTRONICS-M29F080D70M6T Datasheet
602Kb / 37P
   8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
More results

Similar Description - M29F080D70M6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F080D STMICROELECTRONICS-M29F080D_05 Datasheet
602Kb / 37P
   8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
M29F080A STMICROELECTRONICS-M29F080A Datasheet
131Kb / 21P
   8 Mbit 1Mb x8, Uniform Block Single Supply Flash Memory
M50FW080 STMICROELECTRONICS-M50FW080 Datasheet
444Kb / 56P
   8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
M50LPW080 STMICROELECTRONICS-M50LPW080 Datasheet
272Kb / 44P
   8 Mbit 1Mb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
August 2004
M29F016D STMICROELECTRONICS-M29F016D_05 Datasheet
704Kb / 37P
   16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
M29F016D STMICROELECTRONICS-M29F016D Datasheet
536Kb / 37P
   16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
M29F032D STMICROELECTRONICS-M29F032D Datasheet
286Kb / 35P
   32 Mbit (4Mb x8, Uniform Block) 5V Supply Flash Memory
M29F800DT STMICROELECTRONICS-M29F800DT Datasheet
332Kb / 39P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
M29F800DT STMICROELECTRONICS-M29F800DT_06 Datasheet
420Kb / 53P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
M29W008T STMICROELECTRONICS-M29W008T Datasheet
219Kb / 30P
   8 Mbit 1Mb x8, Boot Block Low Voltage Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com