Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2312U Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2312U
Description  PLLatinum??Ultra Low Power Frequency Synthesizer for RF Personal Communications
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2312U Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMX2312U Datasheet HTML 4Page - National Semiconductor (TI) LMX2312U Datasheet HTML 5Page - National Semiconductor (TI) LMX2312U Datasheet HTML 6Page - National Semiconductor (TI) LMX2312U Datasheet HTML 7Page - National Semiconductor (TI) LMX2312U Datasheet HTML 8Page - National Semiconductor (TI) LMX2312U Datasheet HTML 9Page - National Semiconductor (TI) LMX2312U Datasheet HTML 10Page - National Semiconductor (TI) LMX2312U Datasheet HTML 11Page - National Semiconductor (TI) LMX2312U Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Note 12: Phase Noise is measured using a reference evaluation board with a loop bandwidth of approximately 12 kHz. The phase noise specification is the
composite average of 3 measurements made at frequency offsets of 2.0 kHz, 2.5 kHz and 3.0 kHz.
Typical Performance Characteristics
I
cc vs Vcc LMX2310U
I
cc vs Vcc LMX2311U
20043838
20043839
I
cc vs Vcc LMX2312U
I
cc vs Vcc LMX2313U
20043840
20043841
CP
OTRI-STATE vs CPO Voltage
20043843
www.national.com
8


Similar Part No. - LMX2312U

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2314 NSC-LMX2314 Datasheet
371Kb / 20P
   1.2 GHz Frequency Synthesizer for RF Personal Communications
LMX2314M NSC-LMX2314M Datasheet
371Kb / 20P
   1.2 GHz Frequency Synthesizer for RF Personal Communications
LMX2314MX NSC-LMX2314MX Datasheet
371Kb / 20P
   1.2 GHz Frequency Synthesizer for RF Personal Communications
LMX2315 NSC-LMX2315 Datasheet
409Kb / 22P
   Frequency Synthesizer for RF Personal Communications
LMX2315 NSC-LMX2315 Datasheet
371Kb / 20P
   1.2 GHz Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2312U

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
LMX2377U NSC-LMX2377U Datasheet
3Mb / 44P
   PLLatinum??Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2335U NSC-LMX2335U Datasheet
3Mb / 48P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2332U NSC-LMX2332U Datasheet
3Mb / 42P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306 Datasheet
300Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com