Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29F080D70N Datasheet(PDF) 6 Page - STMicroelectronics

Part # M29F080D70N
Description  8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F080D70N Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M29F080D70N Datasheet HTML 2Page - STMicroelectronics M29F080D70N Datasheet HTML 3Page - STMicroelectronics M29F080D70N Datasheet HTML 4Page - STMicroelectronics M29F080D70N Datasheet HTML 5Page - STMicroelectronics M29F080D70N Datasheet HTML 6Page - STMicroelectronics M29F080D70N Datasheet HTML 7Page - STMicroelectronics M29F080D70N Datasheet HTML 8Page - STMicroelectronics M29F080D70N Datasheet HTML 9Page - STMicroelectronics M29F080D70N Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
M29F080D
6/36
Figure 3. TSOP Connections
Figure 4. SO Connections
A1
DQ1
DQ2
A10
A4
A2
A7
A6
A14
NC
A17
A18
DQ7
A13
A19
A0
W
DQ5
DQ3
VSS
VCC
DQ4
DQ6
A12
E
RP
A11
NC
VCC
AI06142
M29F080D
10
1
11
20
21
30
31
40
A3
A15
A16
G
RB
A8
A9
VSS
DQ0
A5
NC
A2
A1
A0
A6
NC
NC
A3
A5
A4
A17
NC
A18
A19
W
A16
NC
NC
NC
DQ6
DQ2
VSS
VCC
VSS
DQ4
G
A13
E
NC
A7
RP
VCC
A10
AI06143
M29F080D
8
2
3
4
5
6
7
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
20
19
18
17
DQ0
DQ1
A9
A8
RB
DQ7
44
39
38
37
36
35
34
33
A15
A14
DQ3
21
DQ5
40
43
1
42
41
A11
A12


Similar Part No. - M29F080D70N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F080D70N1E STMICROELECTRONICS-M29F080D70N1E Datasheet
602Kb / 37P
   8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
M29F080D70N1F STMICROELECTRONICS-M29F080D70N1F Datasheet
602Kb / 37P
   8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
M29F080D70N1T STMICROELECTRONICS-M29F080D70N1T Datasheet
602Kb / 37P
   8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
M29F080D70N6E STMICROELECTRONICS-M29F080D70N6E Datasheet
602Kb / 37P
   8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
M29F080D70N6F STMICROELECTRONICS-M29F080D70N6F Datasheet
602Kb / 37P
   8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
More results

Similar Description - M29F080D70N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F080D STMICROELECTRONICS-M29F080D_05 Datasheet
602Kb / 37P
   8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
M29F080A STMICROELECTRONICS-M29F080A Datasheet
131Kb / 21P
   8 Mbit 1Mb x8, Uniform Block Single Supply Flash Memory
M50FW080 STMICROELECTRONICS-M50FW080 Datasheet
444Kb / 56P
   8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
M50LPW080 STMICROELECTRONICS-M50LPW080 Datasheet
272Kb / 44P
   8 Mbit 1Mb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
August 2004
M29F016D STMICROELECTRONICS-M29F016D_05 Datasheet
704Kb / 37P
   16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
M29F016D STMICROELECTRONICS-M29F016D Datasheet
536Kb / 37P
   16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
M29F032D STMICROELECTRONICS-M29F032D Datasheet
286Kb / 35P
   32 Mbit (4Mb x8, Uniform Block) 5V Supply Flash Memory
M29F800DT STMICROELECTRONICS-M29F800DT Datasheet
332Kb / 39P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
M29F800DT STMICROELECTRONICS-M29F800DT_06 Datasheet
420Kb / 53P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
M29W008T STMICROELECTRONICS-M29W008T Datasheet
219Kb / 30P
   8 Mbit 1Mb x8, Boot Block Low Voltage Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com