Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D12S400-A Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # D12S400-A
Description  Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

D12S400-A Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  D12S400-A Datasheet HTML 1Page - Delta Electronics, Inc. D12S400-A Datasheet HTML 2Page - Delta Electronics, Inc. D12S400-A Datasheet HTML 3Page - Delta Electronics, Inc. D12S400-A Datasheet HTML 4Page - Delta Electronics, Inc. D12S400-A Datasheet HTML 5Page - Delta Electronics, Inc. D12S400-A Datasheet HTML 6Page - Delta Electronics, Inc. D12S400-A Datasheet HTML 7Page - Delta Electronics, Inc. D12S400-A Datasheet HTML 8Page - Delta Electronics, Inc. D12S400-A Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DS_D12S400_10152013
4
ELECTRICAL CHARACTERISTICS CURVES (CONTINUED)
Figure 7: Output ripple & noise at 12Vin, 1.2V/80A out
(10mv/div, 1mS/div)
Figure 8: Output ripple & noise at 12Vin, 1.5V/80A out
(10mv/div, 1mS/div)
Figure 9: Output ripple & noise at 12Vin, 1.8V/80A out
(10mv/div, 1mS/div)
Figure 10: Output ripple & noise at 12Vin, 2.5V/80A out
(10mv/div, 1mS/div)
Figure 11: Output ripple & noise at 12Vin, 3.3V/80A out
(10mv/div, 1mS/div)
Figure 12: Output ripple & noise at 12Vin, 5.0V/80A out
(10mv/div, 1mS/div)


Similar Part No. - D12S400-A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
D12S400 DELTA-D12S400 Datasheet
566Kb / 12P
   5~13.2Vin, 0.8375~5.0V/ 80A output
D12S400A DELTA-D12S400A Datasheet
566Kb / 12P
   5~13.2Vin, 0.8375~5.0V/ 80A output
D12S400A DELTA-D12S400A Datasheet
596Kb / 12P
   4.5V~13.2Vin, 0.59V~5.0Vout, 20A
D12S400A DELTA-D12S400A Datasheet
798Kb / 12P
   Non-Isolated Point of Load DC/DC Modules: 10.8~13.2Vin, 0.8375~5.0V/ 80A output
D12S400A DELTA-D12S400A Datasheet
733Kb / 13P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
More results

Similar Description - D12S400-A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
D12S400A DELTA-D12S400A_14 Datasheet
733Kb / 13P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
D12S05020-1A DELTA-D12S05020-1A_14 Datasheet
596Kb / 13P
   Delphi D12S05020 Non-Isolated Point of Load DC/DC Modules
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD_14 Datasheet
744Kb / 17P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_14 Datasheet
687Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules
DCM04S0A0S12PFA DELTA-DCM04S0A0S12PFA_14 Datasheet
817Kb / 17P
   Delphi DCM, Non-Isolated Point of Load DC/DC Power Modules
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA_14 Datasheet
1,022Kb / 21P
   Delphi DCM, Non-Isolated Point of Load DC/DC Power Modules
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD_14 Datasheet
567Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules
DNT04S0A0R03NFA DELTA-DNT04S0A0R03NFA_14 Datasheet
544Kb / 14P
   Delphi DNT04, Non-Isolated Point of Load DC/DC Power Modules
DCL12S0A0S20NFA DELTA-DCL12S0A0S20NFA_14 Datasheet
825Kb / 20P
   Delphi DCL, Non-Isolated Point of Load DC/DC Power Modules
DCS12S0A0S06NFA DELTA-DCS12S0A0S06NFA_14 Datasheet
1,004Kb / 21P
   Delphi DCS, Non-Isolated Point of Load DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com