Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4S24D-400A5-E Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # D4S24D-400A5-E
Description  RIGHT ANGLE PLUG FOR PCB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

D4S24D-400A5-E Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  D4S24D-400A5-E Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG D4S24D-400A5-E Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG D4S24D-400A5-E Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data Sheet
Rosenberger
HSD®
RIGHT ANGLE PLUG
FOR PCB
D4S24D-400A5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 3
All dimensions are in mm; tolerances according to ISO 2768 m-H
EMC-screening must be assured by chassis compartment. Control box manufacturer is responsible for EMC-
screening.
The plastic housing has to be sealed to the chassis.
Interface
According to
RN_061-01
Remarks
Available Waterproof jack for the
D4K14A-1D5A5-Y
Inline connection
Documents
PCB Layout
MB_261
Pinning instruction
RN_053-01
Test specification
RN_061-01


Similar Part No. - D4S24D-400A5-E

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
D4S20D-40MA5-A ROSENBERGER-D4S20D-40MA5-A Datasheet
128Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S20D-40MA5-B ROSENBERGER-D4S20D-40MA5-B Datasheet
128Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S20D-40MA5-C ROSENBERGER-D4S20D-40MA5-C Datasheet
128Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S20D-40MA5-D ROSENBERGER-D4S20D-40MA5-D Datasheet
128Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S20D-40MA5-E ROSENBERGER-D4S20D-40MA5-E Datasheet
128Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
More results

Similar Description - D4S24D-400A5-E

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
D4S2UG-400A5-Y ROSENBERGER-D4S2UG-400A5-Y Datasheet
139Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S2UY-400A5-Y ROSENBERGER-D4S2UY-400A5-Y Datasheet
726Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S20L-40MA5-Y ROSENBERGER-D4S20L-40MA5-Y Datasheet
140Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S2MB-40MT5-Y ROSENBERGER-59S2MB-40MT5-Y Datasheet
340Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S22B-40MT5-Y ROSENBERGER-59S22B-40MT5-Y Datasheet
624Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S20Y-400A5-Y ROSENBERGER-D4S20Y-400A5-Y Datasheet
163Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S2UY-40MA5-Y ROSENBERGER-D4S2UY-40MA5-Y Datasheet
162Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S20G-400A5-Y ROSENBERGER-D4S20G-400A5-Y Datasheet
783Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S2PL-40MT5-Y ROSENBERGER-59S2PL-40MT5-Y Datasheet
964Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S2LL-40MT5-Y ROSENBERGER-59S2LL-40MT5-Y Datasheet
944Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com