Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99-839-500 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # L99-839-500
Description  MF CABLE ASSEMBLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

L99-839-500 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  L99-839-500 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG L99-839-500 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet Draft
MF
CABLE ASSEMBLY
L99-839-XXX
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
1 / 2
USB A socket
MF2S114-199L
Pin
name
cable color
description
Pin
1
VBUS
Red
+5V
2
2
D-
White
Data-
5
3
D+
Green
Data+
3
4
GND
Black
Signal Ground
4
shell
-
-
-
1
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
MF2K202-400L
USB Standard-A
Flammability
Connector parts
Category
Insulator
material acc. to UL94 V-0
Assembly parts
material acc. to UL94 V-1/V-2


Similar Part No. - L99-839-500

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
L99-838-1500 ROSENBERGER-L99-838-1500 Datasheet
772Kb / 2P
   MF CABLE ASSEMBLY
L99-838-1500 ROSENBERGER-L99-838-1500 Datasheet
772Kb / 2P
   MF CABLE ASSEMBLY
L99-838-1800 ROSENBERGER-L99-838-1800 Datasheet
772Kb / 2P
   MF CABLE ASSEMBLY
L99-838-1800 ROSENBERGER-L99-838-1800 Datasheet
772Kb / 2P
   MF CABLE ASSEMBLY
L99-838-500 ROSENBERGER-L99-838-500 Datasheet
772Kb / 2P
   MF CABLE ASSEMBLY
More results

Similar Description - L99-839-500

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
L99-838-500 ROSENBERGER-L99-838-500 Datasheet
772Kb / 2P
   MF CABLE ASSEMBLY
L99-838-1500 ROSENBERGER-L99-838-1500 Datasheet
772Kb / 2P
   MF CABLE ASSEMBLY
logo
Clare, Inc.
M-986-2A1 CLARE-M-986-2A1 Datasheet
499Kb / 13P
   MF Transceiver
logo
GS Yuasa Battery Sales ...
MF038 GSYUASABATTERY-MF038 Datasheet
289Kb / 1P
   GS MF Battery
MF049 GSYUASABATTERY-MF049 Datasheet
260Kb / 1P
   GS MF Battery
logo
PHOENIX CONTACT
1150681 PHOENIX-1150681 Datasheet
353Kb / 4P
   Connecting cable - PRC 5-CA-MF-H07-4-10,0
01/21/2022
1150680 PHOENIX-1150680 Datasheet
353Kb / 4P
   Connecting cable - PRC 5-CA-MF-H07-4-20,0
01/21/2022
1150693 PHOENIX-1150693 Datasheet
353Kb / 3P
   Connecting cable - PRC 3-CA-MF-H07-2,5-5,0
01/21/2022
logo
GS Yuasa Battery Sales ...
MF072 GSYUASABATTERY-MF072 Datasheet
284Kb / 1P
   GS MF Battery
logo
Sonardyne sound in dept...
7800 SONARDYNE-7800 Datasheet
86Kb / 2P
   Compatt Mk4 MF (Discontinued)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com