Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99-C197-1000 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # L99-C197-1000
Description  RET Control Cable (Halogen Free)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

L99-C197-1000 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  L99-C197-1000 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG L99-C197-1000 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
RET Control Cable (Halogen Free)
L99-C197-XXX
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Fax: +49 8684 18-499
www.rosenberger.de
Email : info@rosenberger.de
Rosenberger Technology (Kunshan) Co., Ltd.
Tel.: +86 512 86896789
Fax: +86 512 86890666
www.rosenbergerap.com
Email: info@rosenbergerap.com
Page
1 / 2
Main Features
AISG 2.0 Compliant RET Control Cable
Feeds Data & DC Power to RET Components
RoHS Compliant
Halogen Free
Electrical Data
Protocol
3GPP/AISG 2.0/AISG 1.1
Voltage, Rated
300 V
Environmental Data
Operating Temperature Range
-40°C to +70°C | -40°F to +158°F
Relative Humidity
5% - 95%
Weather Protection
IP67
Flammability
UL94-V0
Mechanical Data
AISG Connector A
8-Pin DIN Female
AISG Connector B
8-Pin DIN Male
Braid Coverage
Coverage Rate ≥85 %
Data Conductor Type
0.32 mm² (24 AWG) twisted pair
Data Conductors, Quantity
2
Power Conductor Type
0.75 mm² (20 AWG) stranded
Power Conductors, Quantity
4
Total Conductors, Quantity
6
Shield Material
Aluminum
Jacket Material
LSZH(Anti-UV)
Color
Black
Diameter Over Jacket
8.00 mm


Similar Part No. - L99-C197-1000

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
L99-C158-1000 ROSENBERGER-L99-C158-1000 Datasheet
140Kb / 2P
   Water Proof AISG to DB9 RET Control Cable
L99-C158-10000 ROSENBERGER-L99-C158-10000 Datasheet
140Kb / 2P
   Water Proof AISG to DB9 RET Control Cable
L99-C158-100000 ROSENBERGER-L99-C158-100000 Datasheet
140Kb / 2P
   Water Proof AISG to DB9 RET Control Cable
L99-C158-2000 ROSENBERGER-L99-C158-2000 Datasheet
140Kb / 2P
   Water Proof AISG to DB9 RET Control Cable
L99-C158-20000 ROSENBERGER-L99-C158-20000 Datasheet
140Kb / 2P
   Water Proof AISG to DB9 RET Control Cable
More results

Similar Description - L99-C197-1000

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
L99-C158-2000 ROSENBERGER-L99-C158-2000 Datasheet
140Kb / 2P
   Water Proof AISG to DB9 RET Control Cable
logo
List of Unclassifed Man...
H5AN4G4NBJR ETC2-H5AN4G4NBJR Datasheet
716Kb / 48P
   Lead-Free&Halogen-Free
Rev. 1.7 Mar. 2018
H5AN8G4NCJR ETC2-H5AN8G4NCJR Datasheet
844Kb / 47P
   Lead-Free&Halogen-Free
Rev. 1.5 Mar.2019
logo
PHOENIX CONTACT
1424604 PHOENIX-1424604 Datasheet
103Kb / 4P
   Our standard: robust halogen-free PUR cable
1414819 PHOENIX-1414819 Datasheet
116Kb / 5P
   Our standard: robust halogen-free PUR cable
1414806 PHOENIX-1414806 Datasheet
115Kb / 5P
   Our standard: robust halogen-free PUR cable
1414895 PHOENIX-1414895 Datasheet
115Kb / 5P
   Our standard: robust halogen-free PUR cable
1425074 PHOENIX-1425074 Datasheet
107Kb / 4P
   Our standard: robust halogen-free PUR cable
1425082 PHOENIX-1425082 Datasheet
119Kb / 4P
   Our standard: robust halogen-free PUR cable
1424594 PHOENIX-1424594 Datasheet
103Kb / 4P
   Our standard: robust halogen-free PUR cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com