Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2330A Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2330A
Description  PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2330A Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMX2330A Datasheet HTML 1Page - National Semiconductor (TI) LMX2330A Datasheet HTML 2Page - National Semiconductor (TI) LMX2330A Datasheet HTML 3Page - National Semiconductor (TI) LMX2330A Datasheet HTML 4Page - National Semiconductor (TI) LMX2330A Datasheet HTML 5Page - National Semiconductor (TI) LMX2330A Datasheet HTML 6Page - National Semiconductor (TI) LMX2330A Datasheet HTML 7Page - National Semiconductor (TI) LMX2330A Datasheet HTML 8Page - National Semiconductor (TI) LMX2330A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Power Supply Voltage
V
CC
−0.3V to +6.5V
V
P
−0.3V to +6.5V
Voltage on Any Pin
with GND = 0V (V
I)
−0.3V to V
CC+0.3V
Storage Temperature Range (T
S)
−65˚C to +150˚C
Lead Temperature (solder 4 sec.) (T
L)
+260˚C
Recommended Operating
Conditions
Power Supply Voltage
V
CC
2.7V to 5.5V
V
P
V
CC to +5.5V
Operating Temperature (T
A)
−40˚C to +85˚C
Electrical Characteristics
V
CC = 3.0V, VP = 3.0V; −40˚C < TA < 85˚C, except as specified
Symbol
Parameter
Conditions
Value
Units
Min
Typ
Max
I
CC
Power
Supply
Current
LMX2330A RF + IF
V
CC = 2.7V to 5.5V
13
16.5
mA
LMX2330A RF Only
10
13
LMX2331A RF + IF
12
15.5
LMX2331A RF Only
9
12
LMX2332A IF + RF
8
10.5
LMX2332A RF Only
5
7
LMX233XA IF Only
3
3.5
I
CC-PWDN
Powerdown Current
125
µA
f
IN RF
Operating
Frequency
LMX2330A
0.5
2.5
GHz
LMX2331A
0.2
2.0
LMX2332A
0.1
1.2
f
IN IF
Operating Frequency
LMX233XA
45
510
MHz
f
OSC
Oscillator Frequency
5
40
MHz
f
φ
Phase Detector Frequency
10
MHz
Pf
IN RF
RF Input Sensitivity
V
CC = 3.0V
−15
+4
dBm
V
CC = 5.0V
−10
+4
dBm
Pf
IN IF
IF Input Sensitivity
V
CC = 2.7V to 5.5V
−10
+4
dBm
V
OSC
Oscillator Sensitivity
OSC
in
0.5
V
PP
V
IH
High-Level Input Voltage
*
0.8 V
CC
V
V
IL
Low-Level Input Voltage
*
0.2 V
CC
V
I
IH
High-Level Input Current
V
IH =VCC = 5.5V*
−1.0
1.0
µA
I
IL
Low-Level Input Current
V
IL = 0V, VCC = 5.5V*
−1.0
1.0
µA
I
IH
Oscillator Input Current
V
IH =VCC = 5.5V
100
µA
I
IL
Oscillator Input Current
V
IL = 0V, VCC = 5.5V
−100
µA
V
OH
High-Level Output Voltage
I
OH = −500 µA
V
CC − 0.4
V
V
OL
Low-Level Output Voltage
I
OL = 500 µA
0.4
V
t
CS
Data to Clock Set Up Time
See Data Input Timing
50
ns
t
CH
Data to Clock Hold Time
See Data Input Timing
10
ns
t
CWH
Clock Pulse Width High
See Data Input Timing
50
ns
t
CWL
Clock Pulse Width Low
See Data Input Timing
50
ns
t
ES
Clock to Load Enable Set Up Time
See Data Input Timing
50
ns
t
EW
Load Enable Pulse Width
See Data Input Timing
50
ns
*Clock, Data and LE. Does not include fIN RF, fIN IF and OSCIN.
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Recommended Operating Conditions indicate conditions for which
the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Char-
acteristics. The guaranteed specifications apply only for the test conditions listed.
Note 2: This device is a high performance RF integrated circuit with an ESD rating < 2 keV and is ESD sensitive. Handling and assembly of this device should only
be done at ESD protected workstations.
www.national.com
4


Similar Part No. - LMX2330A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2330 NSC-LMX2330 Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
563Kb / 23P
   PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330LSBX NSC-LMX2330LSBX Datasheet
563Kb / 23P
   PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330LSLB NSC-LMX2330LSLB Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2330A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
LMX2430 TI1-LMX2430_14 Datasheet
4Mb / 48P
[Old version datasheet]   PLLatinum??Dual High Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2430 NSC-LMX2430 Datasheet
943Kb / 49P
   PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
   PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com