Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1703355607 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 1703355607
Description  Impact 85 Ohm Plus 4 Pair Vertical Header, Right Guide, Open End Walls
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1703355607 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  1703355607_17 Datasheet HTML 1Page - Molex Electronics Ltd. 1703355607_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
0.75A
Data Rate
25.0 Gbps
Impedance
85Ω
Shield Type
N/A
Shielded
No
Voltage - Maximum
30V AC (RMS)/DC
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Application Specification
AS-76060-990-001
Product Specification
PS-170540-999-001
Sales Drawing
RSD-173429-003, SD-170335-0003
Symbol/Footprint Data
SYM-170335-5607
This document was generated on 04/03/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1703355607_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1703355607 MOLEX11-1703355607 Datasheet
45Kb / 2P
   Impact 85 Ohm Plus 4 Pair Vertical Header, Right Guide, Open End Walls
More results

Similar Description - 1703355607_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1703355106 MOLEX1-1703355106_17 Datasheet
41Kb / 2P
   Impact 85 Ohm Plus 4 Pair Vertical Header, Right Guide, Open End Walls
1703355807 MOLEX11-1703355807 Datasheet
38Kb / 2P
   Impact 85 Ohm Plus 4 Pair Vertical Header, Right Guide, Open End Walls
1703355607 MOLEX11-1703355607 Datasheet
45Kb / 2P
   Impact 85 Ohm Plus 4 Pair Vertical Header, Right Guide, Open End Walls
1703355106 MOLEX11-1703355106 Datasheet
41Kb / 2P
   Impact 85 Ohm Plus 4 Pair Vertical Header, Right Guide, Open End Walls
1703355807 MOLEX1-1703355807_17 Datasheet
38Kb / 2P
   Impact 85 Ohm Plus 4 Pair Vertical Header, Right Guide, Open End Walls
1703355608 MOLEX11-1703355608 Datasheet
45Kb / 2P
   Impact 85 Ohm Plus 4 Pair Vertical Header, Right Guide, Open End Walls
1703353807 MOLEX11-1703353807 Datasheet
45Kb / 2P
   Impact 85 Ohm Plus 4 Pair Vertical Header, Left Guide, Open End Walls
1703353607 MOLEX11-1703353607 Datasheet
47Kb / 2P
   Impact 85 Ohm Plus 4 Pair Vertical Header, Left Guide, Open End Walls
1703353807 MOLEX1-1703353807_17 Datasheet
45Kb / 2P
   Impact 85 Ohm Plus 4 Pair Vertical Header, Left Guide, Open End Walls
1703353608 MOLEX11-1703353608 Datasheet
47Kb / 2P
   Impact 85 Ohm Plus 4 Pair Vertical Header, Left Guide, Open End Walls
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com