Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMQA24VT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMQA24VT1
Description  SC-74 Quad Monolithic Common Anode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMQA24VT1 Datasheet(HTML) 2 Page - ON Semiconductor

  MMQA24VT1 Datasheet HTML 1Page - ON Semiconductor MMQA24VT1 Datasheet HTML 2Page - ON Semiconductor MMQA24VT1 Datasheet HTML 3Page - ON Semiconductor MMQA24VT1 Datasheet HTML 4Page - ON Semiconductor MMQA24VT1 Datasheet HTML 5Page - ON Semiconductor MMQA24VT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMQA Quad Common Anode Series
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
UNIDIRECTIONAL
(Circuit tied to pins 1, 2, and 5; Pins 2, 3, and 5; Pins 2, 4, and 5; or Pins 2, 5, and 6) (VF = 0.9 V Max @ IF = 10 mA)
Breakdown Voltage
Max
Reverse
Leakage
Current
Max
Max
Reverse
Voltage @
IRSM
Maximum
Capacitance
@ 0 Volt
Bias, 1 MHz
VZT
(Note 5)
(V)
@ IZT
IR
VR
Max Zener
Impedance
(Note 7)
Max
Reverse
Surge
Current
IRSM
(Note 6)
(Clamping
Voltage)
Maximum
Temperature
Coefficient
of VZ
(pF)
Device
Min
Nom
Max
(mA)
(nA)
(V)
ZZT @ IZT
(
W) (mA)
IRSM
(A)
VRSM
(V)
(mV/
°C)
Min
Max
MMQA5V6T1,T3
5.32
5.6
5.88
1.0
2000
3.0
400
3.0
8.0
1.26
MMQA6V2T1,T3
5.89
6.2
6.51
1.0
700
4.0
300
2.66
9.0
10.6
MMQA6V8T1,T3
6.46
6.8
7.14
1.0
500
4.3
300
2.45
9.8
10.9
100
250
MMQA12VT1,T3
11.4
12
12.6
1.0
75
9.1
80
1.39
17.3
14
MMQA13VT1
12.4
13
13.7
1.0
75
9.8
80
1.29
18.6
15
MMQA15VT1,T3
14.3
15
15.8
1.0
75
11
80
1.1
21.7
16
MMQA18VT1,T3
17.1
18
18.9
1.0
75
14
80
0.923
26
19
MMQA20VT1,T3
19
20
21
1.0
75
15
80
0.84
28.6
20.1
MMQA21VT1,T3
20
21
22.1
1.0
75
16
80
0.792
30.3
21
MMQA22VT1,T3
20.9
22
23.1
1.0
75
17
80
0.758
31.7
22
MMQA24VT1,T3
22.8
24
25.2
1.0
75
18
100
0.694
34.6
25
MMQA27VT1,T3
25.7
27
28.4
1.0
75
21
125
0.615
39
28
MMQA30VT1,T3
28.5
30
31.5
1.0
75
23
150
0.554
43.3
32
MMQA33VT1,T3
31.4
33
34.7
1.0
75
25
200
0.504
48.6
37
1. Non-repetitive current pulse per Figure 5 and derate above TA = 25°C per Figure 4.
2. Non-repetitive current pulse per Figure 6 and derate above TA = 25°C per Figure 4.
3. FR-5 = 1.0 x 0.75 x 0.62 in.
4. Alumina = 0.4 x 0.3 x 0.024 in., 99.5% alumina
5. VZ measured at pulse test current IT at an ambient temperature of 25°C.
6. Surge current waveform per Figure 5 and derate per Figure 4.
7. ZZT is measured by dividing the AC voltage drop across the device by the AC current supplied. The specified limits are IZ(AC) = 0.1 IZ(DC),
with AC frequency = 1 kHz.
TYPICAL CHARACTERISTICS
300
VZ, NOMINAL ZENER VOLTAGE (V)
250
200
150
100
50
0
5.6
6.8
12
20
27
BIASED AT 0 V
BIASED AT 1 V
BIASED AT 50%
OF VZ NOM
Figure 1. Typical Capacitance
5.6
6.8
20
27
10,000
1,000
100
10
0
Figure 2. Typical Leakage Current
VZ, NOMINAL ZENER VOLTAGE (V)
33
33
+150°C
+25°C
−40°C


Similar Part No. - MMQA24VT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMQA24VT1 ONSEMI-MMQA24VT1 Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA24VT1 ONSEMI-MMQA24VT1 Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA24VT1 ONSEMI-MMQA24VT1 Datasheet
71Kb / 6P
   SC??4 Quad Monolithic Common Anode Transient Voltage Suppressors for ESD Protection
August, 2005 ??Rev. 6
MMQA24VT1G ONSEMI-MMQA24VT1G Datasheet
126Kb / 7P
   MMQA, SZMMQA Quad Common Anode Series
February, 2012 ??Rev. 10
MMQA24VT1G ONSEMI-MMQA24VT1G Datasheet
81Kb / 7P
   SC-74 Quad Monolithic Common Anode
January, 2015 ??Rev. 11
More results

Similar Description - MMQA24VT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMQA27VT1G ONSEMI-MMQA27VT1G Datasheet
126Kb / 7P
   SC-74 Quad Monolithic Common Anode
February, 2012 ??Rev. 10
MMQA5V6T1 ONSEMI-MMQA5V6T1 Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA ONSEMI-MMQA_15 Datasheet
81Kb / 7P
   SC-74 Quad Monolithic Common Anode
January, 2015 ??Rev. 11
MMQA-D ONSEMI-MMQA-D Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA5V6T ONSEMI-MMQA5V6T Datasheet
126Kb / 7P
   SC-74 Quad Monolithic Common Anode
February, 2012 ??Rev. 10
logo
Motorola, Inc
MMQA MOTOROLA-MMQA Datasheet
104Kb / 8P
   SC-59 Quad Monolithic Common Anode
logo
ON Semiconductor
MMQA ONSEMI-MMQA_05 Datasheet
71Kb / 6P
   SC??4 Quad Monolithic Common Anode Transient Voltage Suppressors for ESD Protection
August, 2005 ??Rev. 6
SMS05T1 ONSEMI-SMS05T1_14 Datasheet
61Kb / 4P
   SC-74 Quad Transient Voltage Suppressor
September, 2014 ??Rev. 8
SC-74 ONSEMI-SC-74 Datasheet
67Kb / 6P
   MMQA Quad Common Anode Series
April, 2004 ??Rev. 4
logo
NEC
NSAD500H NEC-NSAD500H Datasheet
32Kb / 5P
   ELECTROSTATIC DISCHARGE SURGE ABSORBER DEVICES QUAD TYPE: COMMON ANODE SC-88A PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com