Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7WP240 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NC7WP240
Description  TinyLogic ULP Dual Inverting Buffer with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WP240 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NC7WP240 Datasheet HTML 1Page - Fairchild Semiconductor NC7WP240 Datasheet HTML 2Page - Fairchild Semiconductor NC7WP240 Datasheet HTML 3Page - Fairchild Semiconductor NC7WP240 Datasheet HTML 4Page - Fairchild Semiconductor NC7WP240 Datasheet HTML 5Page - Fairchild Semiconductor NC7WP240 Datasheet HTML 6Page - Fairchild Semiconductor NC7WP240 Datasheet HTML 7Page - Fairchild Semiconductor NC7WP240 Datasheet HTML 8Page - Fairchild Semiconductor NC7WP240 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500818
www.fairchildsemi.com
June 2003
Revised January 2005
NC7WP240
TinyLogic
 ULP Dual Inverting Buffer
with 3-STATE Outputs
General Description
The NC7WP240 is a Dual Inverting Buffer with indepen-
dent active LOW enables for the 3-STATE outputs. The
Ultra High Power device is ideal for applications where bat-
tery life is critical. This product is designed for ultra low
power consumption within the VCC operating range of 0.9V
to 3.6V VCC.
The internal circuit is composed of a minimum of inverter
stages, including the output buffer, to enable ultra low static
and dynamic power.
The NC7WP240 for lower drive requirements, is uniquely
designed for optimized power and speed, and is fabricated
with an advanced CMOS technology to achieve best in
class speed operation while maintaining extremely low
CMOS power dissipation.
Features
s Space saving US8 surface mount package
s MicroPak
 Pb-Free leadless package
s 0.9V to 3.6V VCC supply operation
s 3.6V overvoltage tolerant I/O’s at VCC from 0.9V to 3.6V
s tPD
3.0 ns typ for 3.6V VCC
4.0 ns typ for 2.3V to 2.7V VCC
5.0 ns typ for 1.65V to 1.95V VCC
6.0 ns typ for 1.40V to 1.60V VCC
10.0 ns typ for 1.10V to 1.30V VCC
26.0 ns typ for 0.90V VCC
s Power-Off high impedance inputs and outputs
s Static Drive (IOH/IOL)
±2.6 mA @ 3.00V V
CC
±2.1 mA @ 2.30V V
CC
±1.5 mA @ 1.65V V
CC
±1.0 mA @ 1.40V V
CC
±0.5 mA @ 1.10V V
CC
±20 µA@ 0.9V V
CC
s Uses patented Quiet Series
 noise/EMI reduction
circuitry
s Ultra low dynamic power
Ordering Code:
Pb-Free package per JEDEC J-STD-020B.
Battery Life vs. VCC Supply Voltage
TinyLogic ULP and ULP-A with up to 50% less power consumption can
extend your battery life significantly.
Battery Life
= (V
battery *Ibattery*.9)/(Pdevice)/24hrs/day
Where, Pdevice = (ICC * VCC) + (CPD + CL) * VCC
2 * f
Assumes ideal 3.6V Lithium Ion battery with current rating of 900mAH and
derated 90% and device frequency at 10MHz, with CL = 15 pF load
TinyLogic
 is a registered trademark of Fairchild Semiconductor Corporation.
MicroPak
 and Quiet Series are trademarks of Fairchild Semiconductor Corporation.
Product
Package Description
Supplied As
Order
Package
Code
Number
Number
Top Mark
NC7WP240K8X
MAB08A
WP40
8-Lead US8, JEDEC MO-187, Variation CA 3.1mm Wide 3k Units on Tape and Reel
NC7WP240L8X
MAC08A
Z3
Pb-Free 8-Lead MicroPak, 1.6 mm Wide
5k Units on Tape and Reel


Similar Part No. - NC7WP240

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WP00 FAIRCHILD-NC7WP00 Datasheet
192Kb / 9P
   TinyLogic ULP Dual 2-Input NAND Gate
logo
ON Semiconductor
NC7WP00 ONSEMI-NC7WP00 Datasheet
292Kb / 11P
   ULP Dual 2-Input NAND Gate
Revised January 2005
NC7WP00 ONSEMI-NC7WP00 Datasheet
533Kb / 9P
   TinyLogic ULP-A Dual 2-Input NAND Gate
February, 2021 - Rev. 1
logo
Fairchild Semiconductor
NC7WP00K8X FAIRCHILD-NC7WP00K8X Datasheet
192Kb / 9P
   TinyLogic ULP Dual 2-Input NAND Gate
logo
ON Semiconductor
NC7WP00K8X ONSEMI-NC7WP00K8X Datasheet
292Kb / 11P
   ULP Dual 2-Input NAND Gate
Revised January 2005
More results

Similar Description - NC7WP240

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WZ240 FAIRCHILD-NC7WZ240 Datasheet
182Kb / 9P
   TinyLogic. UHS Dual Inverting Buffer with 3-STATE Outputs
NC7SP126 FAIRCHILD-NC7SP126 Datasheet
306Kb / 10P
   TinyLogic ULP Buffer with 3-STATE Output
NC7SP125 FAIRCHILD-NC7SP125_04 Datasheet
295Kb / 10P
   TinyLogic ULP Buffer with 3-STATE Output
NC7SP126 FAIRCHILD-NC7SP126_04 Datasheet
296Kb / 10P
   TinyLogic ULP Buffer with 3-STATE Output
logo
ON Semiconductor
NC7SP125 ONSEMI-NC7SP125 Datasheet
389Kb / 12P
   TinyLogic ULP Buffer with 3-STATE Output
Revised March 2004
logo
Fairchild Semiconductor
NC7SP125 FAIRCHILD-NC7SP125 Datasheet
293Kb / 10P
   TinyLogic ULP Buffer with 3-STATE Output
NC7WP125 FAIRCHILD-NC7WP125 Datasheet
207Kb / 10P
   TinyLogic ULP Buffer with 3-STATE Output
logo
ON Semiconductor
NC7WP125 ONSEMI-NC7WP125 Datasheet
314Kb / 12P
   TinyLogic ULP Buffer with 3-STATE Output
Revised January 2005
NC7WV125 ONSEMI-NC7WV125 Datasheet
697Kb / 9P
   TinyLogic ULP-A Dual Buffer with 3-STATE Output
Revised December 2013
logo
Fairchild Semiconductor
NC7SV126 FAIRCHILD-NC7SV126_04 Datasheet
293Kb / 9P
   TinyLogic ULP-A Buffer with 3-STATE Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com