Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP346 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP346
Description  Overvoltage Protection IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP346 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP346 Datasheet HTML 1Page - ON Semiconductor NCP346 Datasheet HTML 2Page - ON Semiconductor NCP346 Datasheet HTML 3Page - ON Semiconductor NCP346 Datasheet HTML 4Page - ON Semiconductor NCP346 Datasheet HTML 5Page - ON Semiconductor NCP346 Datasheet HTML 6Page - ON Semiconductor NCP346 Datasheet HTML 7Page - ON Semiconductor NCP346 Datasheet HTML 8Page - ON Semiconductor NCP346 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
NCP346
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (NCP346SN1T1)
(For typical values TA = 25°C, for min/max values TA = −40°C to +85°C unless otherwise noted.)
Characteristic
Pin
Symbol
Min
Typ
Max
Unit
VCC Operating Voltage Range
5
VCC(opt)
2.5
25
V
Total Supply Current (IN Connected to VCC; ON Mode, VCC = 4.0 V,
CNTRL Pin Floating, Steady State)
4,5
Icc on
650
1200
mA
Total Supply Current (IN Connected to VCC; OFF Mode Driven by
CNTRL Pin, VCC = 4.0 V, VCNTRL = 1.5 V, Steady State)
4,5
Icc off
CNTRL
700
1200
mA
Total Supply Current (IN Connected to VCC; OFF Mode Driven by
Overvoltage, VCC = 5.0 V, CNTRL Pin Floating, Steady State)
4,5
Icc off IN
750
1200
mA
Input Threshold (IN Connected to VCC; VCC Increasing)
4
Vth (LH)
4.3
4.45
4.6
V
Input Threshold (IN Connected to VCC; VCC Decreasing)
4
Vth (HL)
4.3
4.4
4.6
V
Input Hysteresis (IN Connected to VCC)
4
Vhyst
50
mV
Input Impedance of IN Pin
4
Rin
30
55
85
kW
CNTRL Voltage High
3
VIH
1.5
V
CNTRL Voltage Low
3
VIL
0.5
V
CNTRL Current High (Vih = 5.0 V)
3
IIH
90
200
mA
CNTRL Current Low (Vil = 0.5 V)
3
IIL
9.0
20
mA
Output Voltage High (IN Connected to VCC, VCC = 5.0 V)
Isource = 10 mA
Isource = 0.25 mA
Isource = 0 mA
1
Voh
VCC − 1.0
VCC − 0.25
VCC − 0.1
V
Output Voltage Low (IN Connected to VCC, VCC = 4.0 V, CNTRL Pin
Floating)
Isink = 0 mA
1
Vol
0.1
V
Output Sink Current (IN Connected to VCC, VCC = 4.0 V, CNTRL Pin
Floating, VOUT = 1.0 V)
1
Isink
4.0
10
16
mA
Turn ON Delay – Input (IN Connected to VCC; VCC Steps Down from
5.0 V to 4.0 V, Cload = 12 nF, Measured to Vout < 1.0 V)
1
ton IN
1.8
3.5
msec
Turn OFF Delay – Input (IN Connected to VCC; VCC Steps Up from
4.0 V to 5.0 V, Cload = 12 nF, Measured to VOUT > VCC − 1.0 V)
1
toff IN
0.6
1.0
msec
Turn OFF Delay – CNTRL (IN Connected to VCC; VCC = 4.0 V, VCNTRL
Steps from 0.5 V to 2.0 V, Cload = 12 nF, Measured to VOUT > VCC
1.0 V)
1
toff
CNTRL
0.5
1.0
msec


Similar Part No. - NCP346

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP346 ONSEMI-NCP346 Datasheet
361Kb / 15P
   Overvoltage Protection IC
September, 2006 ??Rev. 6
NCP346 ONSEMI-NCP346 Datasheet
216Kb / 2P
   Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
NCP346SN1T1G ONSEMI-NCP346SN1T1G Datasheet
361Kb / 15P
   Overvoltage Protection IC
September, 2006 ??Rev. 6
NCP346SN2T1G ONSEMI-NCP346SN2T1G Datasheet
361Kb / 15P
   Overvoltage Protection IC
September, 2006 ??Rev. 6
NCP346 ONSEMI-NCP346_06 Datasheet
361Kb / 15P
   Overvoltage Protection IC
September, 2006 ??Rev. 6
More results

Similar Description - NCP346

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP346 ONSEMI-NCP346_06 Datasheet
361Kb / 15P
   Overvoltage Protection IC
September, 2006 ??Rev. 6
NCP345 ONSEMI-NCP345 Datasheet
57Kb / 8P
   Overvoltage Protection IC
December, 2004 ??Rev. 5
NCP345 ONSEMI-NCP345_06 Datasheet
66Kb / 8P
   Overvoltage Protection IC
March, 2006 ??Rev. 6
logo
Texas Instruments
BQ24314EVM TI1-BQ24314EVM Datasheet
1Mb / 26P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC
logo
ON Semiconductor
NUS1204MN ONSEMI-NUS1204MN Datasheet
59Kb / 5P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 1
NUS2045MN ONSEMI-NUS2045MN Datasheet
129Kb / 12P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 4
NUS3046MN ONSEMI-NUS3046MN Datasheet
138Kb / 7P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 1
logo
Kinetic Technologies.
KTS1650B KINETIC-KTS1650B Datasheet
134Kb / 2P
   4.5 Amp Overvoltage Protection IC with Surge Protection
April 2019 - Revision 04a
logo
Texas Instruments
BQ24314 TI-BQ24314_1 Datasheet
1Mb / 25P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com