Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1280EVKIT Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1280EVKIT
Description  MAX1280 Evaluation System
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1280EVKIT Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX1280EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX1280EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX1280EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX1280EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX1280EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX1280EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX1280EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX1280EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX1280EVKIT Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
400ksps/300ksps, Single-Supply, Low-Power, 8-Channel,
Serial 12-Bit ADCs with Internal Reference
6
_______________________________________________________________________________________
VDD1 =
VDD2 = 3.6V
ISOURCE = 0.5mA
CONDITIONS
mA
2.5
3.5
IVDD1 +
IVDD2
Supply Current
V
2.7
3.6
VDD1,
VDD2
V
VDD2 - 0.5V
VOH
Output Voltage High
Positive Supply Voltage
(Note 9)
1.3
2.0
0.9
1.5
µA
210
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ISINK = 5mA
V
0.4
VOL
Output Voltage Low
CS = 3V
µA
±10
IL
Three-State Leakage Current
CS = 3V
pF
15
COUT
Three-State Output
Capacitance
ELECTRICAL CHARACTERISTICS—MAX1281 (continued)
(VDD1 = VDD2 = +2.7V to +3.6V, COM = GND, fSCLK = 4.8MHz, 50% duty cycle, 16 clocks/conversion cycle (300ksps), external
+2.5V at REF, REFADJ = VDD1, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
TIMING CHARACTERISTICS—MAX1280
(Figures 1, 2, 6, 7; VDD1 = VDD2 = +4.5V to +5.5V; TA = TMIN to TMAX; unless otherwise noted.)
CLOAD = 20pF
CLOAD = 20pF
CLOAD = 20pF
CLOAD = 20pF
CLOAD = 20pF
CLOAD = 20pF
CLOAD = 20pF
CLOAD = 20pF
CONDITIONS
ns
100
tCSW
CS Pulse Width High
ns
65
tSTE
CS Fall to SSTRB Enable
ns
65
tDOE
CS Fall to DOUT Enable
ns
10
65
tSTD
CS Rise to SSTRB Disable
ns
10
65
tDOD
CS Rise to DOUT Disable
ns
80
tSTV
SCLK Rise to SSTRB Valid
ns
80
tDOV
SCLK Rise to DOUT Valid
ns
62
tCL
SCLK Pulse Width Low
ns
62
tCH
ns
156
tCP
SCLK Period
SCLK Pulse Width High
ns
10
20
tSTH
SCLK Rise to SSTRB Hold
ns
10
20
tDOH
SCLK Rise to DOUT Hold
ns
35
tCS1
CS Rise to SCLK Rise Ignore
ns
35
tCSO
SCLK Rise to CS Fall Ignore
ns
35
tDS
DIN to SCLK Setup
ns
0
tDH
DIN to SCLK Hold
ns
35
tCSS
CS Fall to SCLK Rise Setup
ns
0
tCSH
SCLK Rise to CS Rise Hold
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Operating mode (Note 10)
Reduced-power mode (Note 11)
Fast power-down (Note 11)
Full power-down (Note 11)
VDD1 = VDD2 = 2.7V to 3.6V, midscale input
mV
±0.5
±2.0
PSR
Power-Supply Rejection
DIGITAL OUTPUTS (DOUT, SSTRB)
POWER SUPPLY


Similar Part No. - MAX1280EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1280BCUP MAXIM-MAX1280BCUP Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1280BCUP++ MAXIM-MAX1280BCUP+ Datasheet
450Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
MAX1280BEUP MAXIM-MAX1280BEUP Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1280BEUP++ MAXIM-MAX1280BEUP+ Datasheet
450Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
More results

Similar Description - MAX1280EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11600 MAXIM-MAX11600_10 Datasheet
5Mb / 36P
   Evaluation System
Rev 0; 3/10
MAX6884 MAXIM-MAX6884 Datasheet
758Kb / 12P
   Evaluation System/Evaluation Kit
Rev 2; 3/21
MAX6652 MAXIM-MAX6652_07 Datasheet
134Kb / 8P
   Evaluation System/Evaluation Kit
Rev 1; 3/07
logo
Exar Corporation
XRT5794ES EXAR-XRT5794ES Datasheet
1Mb / 11P
   Evaluation System
logo
Maxim Integrated Produc...
MAX17823HEVKIT MAXIM-MAX17823HEVKIT Datasheet
1Mb / 40P
   Evaluation System
Rev 1; 5/19
MAX5581EVKIT MAXIM-MAX5581EVKIT Datasheet
263Kb / 15P
   MAX5581 Evaluation Kit/Evaluation System
Rev 0; 6/05
MAX9723D MAXIM-MAX9723D Datasheet
298Kb / 10P
   MAX9723D Evaluation Kit/Evaluation System
19-0662; Rev 0; 11/06
MAX6960EVKIT MAXIM-MAX6960EVKIT Datasheet
1Mb / 24P
   MAX6960 Evaluation Kit/Evaluation System
Rev 0; 10/05
MAX17061EVKIT MAXIM-MAX17061EVKIT Datasheet
432Kb / 12P
   MAX17061 Evaluation Kit/Evaluation System
Rev 1; 10/08
MAX17105EVKIT MAXIM-MAX17105EVKIT Datasheet
712Kb / 14P
   MAX17105 Evaluation Kit/Evaluation System
Rev 0; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com