Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD85N02R Datasheet(PDF) 7 Page - ON Semiconductor

Part # NTD85N02R
Description  Power MOSFET 85 Amps, 24 Volts N-Channel DPAK
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD85N02R Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NTD85N02R Datasheet HTML 2Page - ON Semiconductor NTD85N02R Datasheet HTML 3Page - ON Semiconductor NTD85N02R Datasheet HTML 4Page - ON Semiconductor NTD85N02R Datasheet HTML 5Page - ON Semiconductor NTD85N02R Datasheet HTML 6Page - ON Semiconductor NTD85N02R Datasheet HTML 7Page - ON Semiconductor NTD85N02R Datasheet HTML 8Page - ON Semiconductor NTD85N02R Datasheet HTML 9Page - ON Semiconductor NTD85N02R Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NTD85N02R
http://onsemi.com
7
10
0.1
0.01
0.00001
0.0001
t, TIME (s)
1
0.001
0.01
0.1
1
10
100
1000
Figure 13. Thermal Response
Normalized to RqJA at Steady State,
1
″ square Cu Pad, Cu Area 1.127 in2,
3 x 3 inch FR4 board
ORDERING INFORMATION
Device
Package
Shipping
NTD85N02R
DPAK
NTD85N02RG
DPAK
(Pb−Free)
75 Units / Rail
NTD85N02R−001
DPAK−3
800 Tape & Reel
NTD85N02R−1G
DPAK−3
(Pb−Free)
800 Tape & Reel
NTD85N02RT4
DPAK
2500 Tape & Reel
NTD85N02RT4G
DPAK
(Pb−Free)
2500 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NTD85N02R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTD85N02R-1G VBSEMI-NTD85N02R-1G Datasheet
960Kb / 8P
   N-Channel 30-V (D-S) MOSFET
NTD85N02RT4G VBSEMI-NTD85N02RT4G Datasheet
917Kb / 6P
   N-Channel 20-V (D-S)175 C MOSFET
More results

Similar Description - NTD85N02R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD95N02R ONSEMI-NTD95N02R Datasheet
71Kb / 6P
   Power MOSFET 95 Amps, 24 Volts N?묬hannel DPAK
July, 2006 ??Rev. 3
logo
Unisonic Technologies
UT85N03 UTC-UT85N03 Datasheet
151Kb / 3P
   85 Amps, 30 Volts N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NTD5414N ONSEMI-NTD5414N Datasheet
109Kb / 6P
   Power MOSFET 24 Amps, 60 Volts Single N?묬hannel DPAK
October, 2008 ??Rev. 0
NTD4302 ONSEMI-NTD4302 Datasheet
85Kb / 10P
   Power MOSFET 68 Amps, 30 Volts(N-Channel DPAK)
October, 2010 ??Rev. 8
NTD14N03R ONSEMI-NTD14N03R_07 Datasheet
86Kb / 6P
   Power MOSFET 14 Amps, 25 Volts N-Channel DPAK
October, 2007 - Rev. 5
NTD24N06L ONSEMI-NTD24N06L Datasheet
87Kb / 8P
   Power MOSFET 24 Amps, 60 Volts Logic Level, N?묬hannel DPAK
August, 2005 ??Rev. 2
logo
Unisonic Technologies
24N50 UTC-24N50 Datasheet
163Kb / 6P
   24 Amps, 500 Volts N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NTP85N03 ONSEMI-NTP85N03 Datasheet
80Kb / 12P
   Power MOSFET 85 Amps, 28 Volts
October, 2003 ??Rev. 1
NTD32N06L ONSEMI-NTD32N06L Datasheet
66Kb / 8P
   Power MOSFET 32 Amps, 60 Volts, Logic Level(N-Channel DPAK)
April, 2004 ??Rev. 3
logo
Unisonic Technologies
UTD3055 UTC-UTD3055 Datasheet
144Kb / 4P
   POWER MOSFET 12 AMPS, 60 VOLTS N?밅HANNEL DPAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com