Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4S14A-1D5A5-B Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # D4S14A-1D5A5-B
Description  WATERPROOF PLUG
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

D4S14A-1D5A5-B Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  D4S14A-1D5A5-B Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG D4S14A-1D5A5-B Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG D4S14A-1D5A5-B Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
HSD
WATERPROOF PLUG
D4S14A-1D5A5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
2 / 3
Material and plating
Connector parts
Material
Plating
Outer contact
Brass
Nickel, 2.5-5 µm
Center contact
Spring bronze
Gold, min. 0.15 µm, over chemical nickel
Crimping ferrule
Spring bronze
Tin, 0.5-2 µm
Dielectric
PA 12
Housing
PA 12
Locking Cap
PA 12
Cable gasket
Silicone
Electrical data
Impedance, differential mode
100
Ω differential signalling, for one pair or quad cable shielded
Frequency
DC to 2.0 GHz
Return loss
≥ 20 dB to 1.0 GHz
≥ 17 dB to 2.0 GHz
Insertion loss
≤ 0.1 dB @ 1.0 GHz
Skew (between signal contacts)
≤ 5 psec.
Nearend-Crosstalk
≤ 30 dB
Farend-Crosstalk
≤ 35 dB
Insulation resistance
≥ 1x103 MΩ
Signal contact resistance
≤ 10 mΩ
Outer contact resistance
≤ 7.5 mΩ
Test voltage
250 V rms
Working voltage
100 V rms
Power current
≤ 1.5 A DC
RF-leakage ( shielding effectiveness )
≥ 75 dB up to 1 GHz (IEC 62153-4-7)
≥ 65 dB up to 2 GHz (IEC 62153-4-7)
Mechanical data
Mating cycles
≥ 5
Engagement force
≤ 40 N
Disengagement force
≥ 5 N
Retention force primary lock
≥ 110 N
Coding efficiency
≥ 80 N
Environmental data
Temperature range
-40°C to +105°C
Thermal shock
DIN IEC 60068-2-14 Test NA
Temperature and humidity
USCar 2 – 4 5.6.2
Vibration (Random)
DIN IEC 60068-2-64
Mechanical Shock
DIN IEC 60068-2-27
High-Temp. Exposure
DIN IEC 60068-2-2
Water resistant
DIN 40050 IPX6K/IPX9K
Waterproof engine compartment connector LV 214 Test group B,C
2002/95/EC (RoHS)
compliant


Similar Part No. - D4S14A-1D5A5-B

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
D4S10A-400L5-A ROSENBERGER-D4S10A-400L5-A Datasheet
436Kb / 3P
   STRAIGHT PLUG FOR PCB
D4S10A-400L5-B ROSENBERGER-D4S10A-400L5-B Datasheet
436Kb / 3P
   STRAIGHT PLUG FOR PCB
D4S10A-400L5-C ROSENBERGER-D4S10A-400L5-C Datasheet
436Kb / 3P
   STRAIGHT PLUG FOR PCB
D4S10A-400L5-D ROSENBERGER-D4S10A-400L5-D Datasheet
436Kb / 3P
   STRAIGHT PLUG FOR PCB
D4S10A-400L5-E ROSENBERGER-D4S10A-400L5-E Datasheet
436Kb / 3P
   STRAIGHT PLUG FOR PCB
More results

Similar Description - D4S14A-1D5A5-B

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
E4S14A-1AKX5-Y ROSENBERGER-E4S14A-1AKX5-Y Datasheet
890Kb / 3P
   WATERPROOF PLUG
logo
PowerDynamics, Inc
3352K02023 POWERDYNAMICS-3352K02023 Datasheet
305Kb / 1P
   Waterproof RJ45 Jack With Plug & Grounding Wire (IP68)
3352D01110 POWERDYNAMICS-3352D01110 Datasheet
264Kb / 1P
   Waterproof RJ45 Jack With Cable and Plug (IP68)
logo
EDAC, All Rights Reserv...
627W2W2-122-1N2 EDAC-627W2W2-122-1N2 Datasheet
800Kb / 4P
   627WC Series,Vertical Combo D-Sub Connectors | Waterproof | Plug
627W2W2-122-1NA EDAC-627W2W2-122-1NA Datasheet
801Kb / 4P
   627WC Series,Vertical Combo D-Sub Connectors | Waterproof | Plug
627W2W2-224-2ND EDAC-627W2W2-224-2ND Datasheet
801Kb / 4P
   627WC Series,Vertical Combo D-Sub Connectors | Waterproof | Plug
627W3W3-224-3ND EDAC-627W3W3-224-3ND Datasheet
802Kb / 4P
   627WC Series,Vertical Combo D-Sub Connectors | Waterproof | Plug
627W3W3-322-1NA EDAC-627W3W3-322-1NA Datasheet
801Kb / 4P
   627WC Series,Vertical Combo D-Sub Connectors | Waterproof | Plug
627W2W2-224-4NA EDAC-627W2W2-224-4NA Datasheet
801Kb / 4P
   627WC Series,Vertical Combo D-Sub Connectors | Waterproof | Plug
627W3W3-322-2NA EDAC-627W3W3-322-2NA Datasheet
801Kb / 4P
   627WC Series,Vertical Combo D-Sub Connectors | Waterproof | Plug
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com