Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4S20D-40MA5-B Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # D4S20D-40MA5-B
Description  RIGHT ANGLE PLUG FOR PCB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

D4S20D-40MA5-B Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  D4S20D-40MA5-B Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG D4S20D-40MA5-B Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG D4S20D-40MA5-B Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data Sheet
RosenbergerHSD®
RIGHT ANGLE
PLUG
FOR PCB
D4S20D-40MA5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
2 / 3
c
Electrical data
Impedance, differential mode
100
 differential signalling, for one pair or quad cable shielded
Frequency
DC to 2.0 GHz
Return loss
 20 dB to 1.0 GHz
 17 dB to 2.0 GHz
Insertion loss
 0.1 dB @ 1.0 GHz
Skew (between signal contacts)
 5 psec.
Nearend-Crosstalk
 30 dB
Farend-Crosstalk
 35 dB
Insulation resistance
 1x103 M
Signal contact resistance
 10 m
Outer contact resistance
 7.5 m
Test voltage
250 V rms
Working voltage
100 V rms
Power current
 1.5 A DC
RF-leakage ( shielding effectiveness )
 75 dB up to 1 GHz (IEC 62153-4-7)
 65 dB up to 2 GHz (IEC 62153-4-7),
Mechanical data
Mating cycles
 25
Engagement force
 30 N
Disengagement force
 5 N
Retention force latch
 110 N
Coding efficiency
 80 N
Environmental data
Temperature range
-40°C to +105°C
Thermal shock
DIN IEC 60068-2-14 Test Na
Temperature and humidity
USCar 2 – 4 5.6.2
Vibration (Random)
DIN IEC 60068-2-64
Mechanical Shock
DIN IEC 60068-2-27
High-Temp. Exposure
DIN IEC 60068-2-2
Soldering profile
acc. to IEC 60068-2-58; Group 3&4
RoHS
compliant
Tooling
N/A
Packing
Standard
200 pcs. in tape and reel
Weight
7.0 g/ pce


Similar Part No. - D4S20D-40MA5-B

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
D4S20G-400A5-A ROSENBERGER-D4S20G-400A5-A Datasheet
783Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S20G-400A5-B ROSENBERGER-D4S20G-400A5-B Datasheet
783Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S20G-400A5-C ROSENBERGER-D4S20G-400A5-C Datasheet
783Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S20G-400A5-D ROSENBERGER-D4S20G-400A5-D Datasheet
783Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S20G-400A5-E ROSENBERGER-D4S20G-400A5-E Datasheet
783Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
More results

Similar Description - D4S20D-40MA5-B

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
D4S2UG-400A5-Y ROSENBERGER-D4S2UG-400A5-Y Datasheet
139Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S2UY-400A5-Y ROSENBERGER-D4S2UY-400A5-Y Datasheet
726Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S20L-40MA5-Y ROSENBERGER-D4S20L-40MA5-Y Datasheet
140Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S2MB-40MT5-Y ROSENBERGER-59S2MB-40MT5-Y Datasheet
340Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S22B-40MT5-Y ROSENBERGER-59S22B-40MT5-Y Datasheet
624Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S24D-400A5-Y ROSENBERGER-D4S24D-400A5-Y Datasheet
290Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S20Y-400A5-Y ROSENBERGER-D4S20Y-400A5-Y Datasheet
163Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S2UY-40MA5-Y ROSENBERGER-D4S2UY-40MA5-Y Datasheet
162Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S20G-400A5-Y ROSENBERGER-D4S20G-400A5-Y Datasheet
783Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S2PL-40MT5-Y ROSENBERGER-59S2PL-40MT5-Y Datasheet
964Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S2LL-40MT5-Y ROSENBERGER-59S2LL-40MT5-Y Datasheet
944Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com