Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAT.500.A Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # MAT.500.A
Description  Worldwide 4G Bands including 3G and 2G
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MAT.500.A Datasheet(HTML) 2 Page - Taoglas antenna solutions

  MAT.500.A Datasheet HTML 1Page - Taoglas antenna solutions MAT.500.A Datasheet HTML 2Page - Taoglas antenna solutions MAT.500.A Datasheet HTML 3Page - Taoglas antenna solutions MAT.500.A Datasheet HTML 4Page - Taoglas antenna solutions MAT.500.A Datasheet HTML 5Page - Taoglas antenna solutions MAT.500.A Datasheet HTML 6Page - Taoglas antenna solutions MAT.500.A Datasheet HTML 7Page - Taoglas antenna solutions MAT.500.A Datasheet HTML 8Page - Taoglas antenna solutions MAT.500.A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
SPE-16-8-015/A/WY
Page 2 of 42
1. Introduction
The MAT.500.A embedded antenna board combines LTE MIMO antennas, Wi-Fi MIMO
antennas, plus GPS/GLONASS and Iridium® 1621MHz antennas. It can be used as a
reference design or actual embedded antenna for telematics devices in applications
such as fleet management, asset tracking, and security/surveillance.
The board comes with six IPEX connectors and 1.37mm coax cables for LTE, Wi-Fi,
GPS/GLONASS and Iridium 1621MHz.
Typical applications:
- High speed data links with a need for satellite communication as fallback
- Automotive and Heavy Equipment Vehicle Tracking and Telematics
- Remote Asset and Pipeline Monitoring
- HD Video over LTE
- First Responder and Emergency Services
- Global data communications/IoT
LTE 4G applications demand high speed data uplink and downlink. High efficiency and
high gain MIMO antennas are necessary to achieve the required signal to noise ratio
and throughput required to solve these challenges. Taoglas also takes care to have
high isolation between the two MIMO antennas to prevent self-interference. Low loss
cables are used to keep efficiency high over long cable lengths. The GPS-GLONASS
passive antenna receives efficiently on all two bands, leading to higher location
accuracy and stability of tracking in urban environments.
The unique omnidirectional Wi-Fi antennas provide high efficiency and high isolation
between antenna elements in a heavy-duty low profile compact structure, delivering
powerful MIMO antenna technology for Wi-Fi 802.11n and emerging 802.11ac.
Finally, a low axial ratio 1621MHz Antenna is also embedded, providing connectivity
for the Iridium satellite system, enabling global coverage, and back-up in case of
cellular network failure. Cable length and connector types are customizable. Contact
your regional Taoglas sales office for support.


Similar Part No. - MAT.500.A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MAT.500.B TAOGLAS-MAT.500.B Datasheet
4Mb / 35P
   Worldwide 4G Bands including 3G and 2G
More results

Similar Description - MAT.500.A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA9000.A.LBIWXYZCGHM.001 TAOGLAS-MA9000.A.LBIWXYZCGHM.001 Datasheet
2Mb / 28P
   Worldwide 4G Bands including 3G and 2G
MA850.A.LBIC.001 TAOGLAS-MA850.A.LBIC.001 Datasheet
5Mb / 47P
   Worldwide 4G Bands including 3G and 2G
MA413.A.B.002 TAOGLAS-MA413.A.B.002 Datasheet
2Mb / 35P
   Worldwide 4G Bands including 3G and 2G
MA413.A.B.004 TAOGLAS-MA413.A.B.004 Datasheet
2Mb / 33P
   Worldwide 4G Bands including 3G and 2G
MA450.K.LBICG.004 TAOGLAS-MA450.K.LBICG.004 Datasheet
5Mb / 48P
   Worldwide 4G Bands including 3G and 2G
MAT.500.B TAOGLAS-MAT.500.B Datasheet
4Mb / 35P
   Worldwide 4G Bands including 3G and 2G
MA412.A.BI.001 TAOGLAS-MA412.A.BI.001 Datasheet
6Mb / 54P
   Worldwide 4G Bands including 3G and 2G
MA450.K.LBICG.003 TAOGLAS-MA450.K.LBICG.003 Datasheet
3Mb / 60P
   Worldwide 4G Bands including 3G and 2G
MA950.A.LBICG.005 TAOGLAS-MA950.A.LBICG.005 Datasheet
9Mb / 185P
   Worldwide 4G Bands including 3G and 2G
MA412.A.BI.003 TAOGLAS-MA412.A.BI.003 Datasheet
6Mb / 54P
   Worldwide 4G Bands including 3G and 2G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com