Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2324 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2324
Description  PLLatinum??2.0 GHz Frequency Synthesizer for RF Personal Communications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2324 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2324 Datasheet HTML 4Page - National Semiconductor (TI) LM2324 Datasheet HTML 5Page - National Semiconductor (TI) LM2324 Datasheet HTML 6Page - National Semiconductor (TI) LM2324 Datasheet HTML 7Page - National Semiconductor (TI) LM2324 Datasheet HTML 8Page - National Semiconductor (TI) LM2324 Datasheet HTML 9Page - National Semiconductor (TI) LM2324 Datasheet HTML 10Page - National Semiconductor (TI) LM2324 Datasheet HTML 11Page - National Semiconductor (TI) LM2324 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Phase Comparator and Internal Charge Pump Characteristics
DS101030-6
Notes: Phase difference detection range: −2
π to +2π
The minimum width pump up and pump down current pulses occur at the CPo pin when the loop is locked. PD_POL = 1
fR: Phase comparator input from the R Divider
fN: Phase comparator input from the N divider
CPo: Charge pump output
www.national.com
10


Similar Part No. - LM2324

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2324ATMX NSC-LM2324ATMX Datasheet
329Kb / 12P
   PLLatinum??2.2 GHz Frequency Synthesizer for RF Personal Communications (SL163188)
More results

Similar Description - LM2324

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
   PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2324A NSC-LMX2324A Datasheet
329Kb / 12P
   PLLatinum??2.2 GHz Frequency Synthesizer for RF Personal Communications (SL163188)
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2322 NSC-LMX2322 Datasheet
216Kb / 14P
   PLLatinumTM 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2430 TI1-LMX2430_14 Datasheet
4Mb / 48P
[Old version datasheet]   PLLatinum??Dual High Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com