Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1210C107M8PACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1210C107M8PACTU
Description  Ceramic, Commercial-(CxxxxC), 100 uF, 20%, 10 V, 1210, X5R, SMD, MLCC, Temperature Stable, Class II
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C107M8PACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1210C107M8PACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 1828e0ca-033c-46f7-a3aa-0d683e18d68b
KEMET Part Number: C1210C107M8PACTU
(C1210C107M8PAC7800)
Ceramic, Commercial-(CxxxxC), 100 uF, 20%, 10 V, 1210, X5R, SMD, MLCC, Temperature Stable, Class II
Dimensions
L
3.2mm +/-0.3mm
W
2.5mm +/-0.3mm
T
2.5mm +/-0.30mm
B
0.5mm +0.35/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 1000
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 1210
Description: SMD, MLCC, Temperature
Stable, Class II
Features: Temperature Stable, Class II
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X5R
dielectric for this part number is
48 hours
Specifications
Capacitance: 100 uF
Capacitance Tolerance: 20%
Voltage DC: 10 VDC
Temperature Range: -55/+85C
Temperature Coefficient: X5R
Dissipation Factor: 10%
Aging Rate: 4% Loss/Decade Hour
Insulation Resistance: 1 MOhms
Dielectric Strength: 25 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1210C107M8PACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C107M8PACTU KEMET-C1210C107M8PACTU Datasheet
1Mb / 22P
   X5R Dielectric, 4 ??50 VDC (Commercial Grade)
More results

Similar Description - C1210C107M8PACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C476M8PACTU KEMET-C1210C476M8PACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 47 uF, 20%, 10 V, 1210, X5R, SMD, MLCC, Temperature Stable, Class II
C1210C106M6PACTU KEMET-C1210C106M6PACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 10 uF, 20%, 35 V, 1210, X5R, SMD, MLCC, Temperature Stable, Class II
C1210C106M5PACTU KEMET-C1210C106M5PACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 10 uF, 20%, 50 V, 1210, X5R, SMD, MLCC, Temperature Stable, Class II
C1210C107M4PACTU KEMET-C1210C107M4PACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 100 uF, 20%, 16 V, 1210, X5R, SMD, MLCC, Temperature Stable, Class II
C1210C106K8PACTU KEMET-C1210C106K8PACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 10 uF, 10%, 10 V, 1210, X5R, SMD, MLCC, Temperature Stable, Class II
C1210C106K4PACTU KEMET-C1210C106K4PACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 10 uF, 10%, 16 V, 1210, X5R, SMD, MLCC, Temperature Stable, Class II
C1210C106K3PACTU KEMET-C1210C106K3PACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 10 uF, 10%, 25 V, 1210, X5R, SMD, MLCC, Temperature Stable, Class II
C1210C226K8PACTU KEMET-C1210C226K8PACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 22 uF, 10%, 10 V, 1210, X5R, SMD, MLCC, Temperature Stable, Class II
C1210C106K5PACTU KEMET-C1210C106K5PACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 10 uF, 10%, 50 V, 1210, X5R, SMD, MLCC, Temperature Stable, Class II
C1210C106K6PACTU KEMET-C1210C106K6PACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 10 uF, 10%, 35 V, 1210, X5R, SMD, MLCC, Temperature Stable, Class II
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com