Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP299 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OP299
Description  GaAlAs Plastic Infrared Emitting Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP299 Datasheet(HTML) 1 Page - OPTEK Technologies

  OP299 Datasheet HTML 1Page - OPTEK Technologies OP299 Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Characterized at 5mA for battery
operated systems or other low drive
current systems
Wide irradiance pattern (OP294) or
narrow irradiance pattern (OP299)
Significantly higher power output than
GaAs at equivalent drive currents
Wavelength matched to silicon’s peak
response
T-1 3/4 package
Description
The OP294 and OP299 are gallium
arsenide infrared emitting diodes
designed for low current or power limited
applications (such as battery supplies).
These LEDs are similar in design to the
OP290 and OP295 but use a smaller
chip which increases output
efficiency at low current levels by
increasing current density. Light output
can be maximized with continuous (d.c.)
forward current up to 100mA or with
pulsed forward current operation up to
750 mA. The chip is mounted in an IR
transmissive plastic package and has
been designed and tested for use with
OP593/598 phototransistors or similar
photodetector.
Absolute Maximum Ratings (TA = 25
o C unless otherwise noted)
Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0 V
Continuous Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mA
Peak Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 750 mA
Storage and Operating Temperature Range . . . . . . . . . . . . . . . . . . -40
o C to +100o C
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 sec. with soldering
iron] . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260
o C(1)
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 180 mW
(2)
Notes:
(1) RMA flux is recommended. Duration can be extended to 10 sec. max. when flow soldering.
A max. of 20 grams force may be applied to the leads when soldering.
(2) Derate linearly 1.80 mW/
o C above 25o C.
(3) Ee(APT) is a measurement of the average apertured radiant energy incident upon a sensing
area 0.250" (6.35 mm) in diameter, perpendicular to and centered on the mechanical axis of
the lens, and 1.429" (36.3 mm) from the measurement surface. Ee(APT) is not necessarily
uniform within the measured area.
(4) Ee(APT) is a measurement of the average apertured radiant energy incident upon a sensing
area 0.250" (6.35 mm) in diameter, perpendicular to and centered on the mechanical axis of
the lens, and .500" (12.7 mm) from the measurement surface. Ee(APT) is not necessarily
uniform within the measured area.
(5) Cathode lead is 0.070" nominal shorter than anode lead.
Product Bulletin OP294
June 1996
GaAlAs Plastic Infrared Emitting Diode
Types OP294, OP299
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396
2-56


Similar Part No. - OP299

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP299 OPTEK-OP299 Datasheet
343Kb / 8P
   Plastic Infrared Emitting Diode
OP299 OPTEK-OP299 Datasheet
290Kb / 8P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP299 TTELEC-OP299 Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
OP299A TTELEC-OP299A Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
OP299AA TTELEC-OP299AA Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
More results

Similar Description - OP299

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KLB-16AI-88 KODENSHI-KLB-16AI-88 Datasheet
159Kb / 2P
   Infrared Emitting Diode(GaAlAs)
logo
Opnext. Inc.
HE7601SG OPNEXT-HE7601SG Datasheet
187Kb / 6P
   GaAlAs Infrared Emitting Diode
HE8404SG OPNEXT-HE8404SG_06 Datasheet
89Kb / 4P
   GaAlAs Infrared Emitting Diode
HE8812SG OPNEXT-HE8812SG Datasheet
89Kb / 4P
   GaAlAs Infrared Emitting Diode
HE8404SG OPNEXT-HE8404SG Datasheet
186Kb / 6P
   GaAlAs Infrared Emitting Diode
HE8811 OPNEXT-HE8811 Datasheet
186Kb / 6P
   GaAlAs Infrared Emitting Diode
HE7601SG OPNEXT-HE7601SG_06 Datasheet
90Kb / 4P
   GaAlAs Infrared Emitting Diode
HE8811 OPNEXT-HE8811_06 Datasheet
90Kb / 4P
   GaAlAs Infrared Emitting Diode
logo
KODENSHI_AUK CORP.
KLB-16AI-94 KODENSHI-KLB-16AI-94 Datasheet
155Kb / 2P
   Infrared Emitting Diode(GaAlAs)
logo
Hitachi Semiconductor
HE8812SG HITACHI-HE8812SG Datasheet
140Kb / 6P
   GaAlAs Infrared Emitting Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com