Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3272A Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3272A
Description  3.3V, 2.5Gbps Low-Power Limiting Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3272A Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3272A Datasheet HTML 3Page - Maxim Integrated Products MAX3272A Datasheet HTML 4Page - Maxim Integrated Products MAX3272A Datasheet HTML 5Page - Maxim Integrated Products MAX3272A Datasheet HTML 6Page - Maxim Integrated Products MAX3272A Datasheet HTML 7Page - Maxim Integrated Products MAX3272A Datasheet HTML 8Page - Maxim Integrated Products MAX3272A Datasheet HTML 9Page - Maxim Integrated Products MAX3272A Datasheet HTML 10Page - Maxim Integrated Products MAX3272A Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Two control voltages VASSERT, and VDEASSERT, define
the LOS assert and deassert levels. To prevent LOS
chatter in the region of the programmed threshold,
approximately 3.3dB of hysteresis is built into the LOS
assert/deassert function. Once asserted, LOS is not
deasserted until the input amplitude rises to the
required level (VDEASSERT).
To facilitate interfacing with +5V modules, the LOS and
LOS pins on the MAX3272 do not have internal ESD
protection. If ESD protection is desired, a low-capaci-
tance Schottky diode or diode array structure, such as
the MAX3202E, is recommended (see the Typical
Operating Circuits).
The LOS and LOS pins on the MAX3272A include ESD
protection and, as a result, cannot be interfaced with
+5V modules.
Gain Stage
The high-bandwidth gain stage provides approximately
42dB of gain.
Offset-Correction Loop
Due to the high gain of the amplifier, the MAX3272/
MAX3272A are susceptible to DC offsets in the signal
path. In communications systems using NRZ data with
a 50% duty cycle, pulse-width distortion present in the
signal or generated by the transimpedance amplifier
appears as input offset and is removed by the offset-
cancellation loop. An external capacitor is required
between CAZ1 and CAZ2 to decouple the offset-can-
cellation loop and determine the lower 3dB frequency
of the signal path.
+3.3V, 2.5Gbps Low-Power
Limiting Amplifiers
_______________________________________________________________________________________
7
Interface Schematics
IN+
IN-
110
GND
ESD
STRUCTURES
VCC
540
540
0.25pF
0.25pF
Figure 3. Input Circuit
GND
ESD
STRUCTURE
VCC
LOS
8k
Figure 4a. LOS Output Circuit for MAX3272
GND
ESD
STRUCTURE
VCC
LOS
8k
Figure 4b. LOS Output Circuit for MAX3272A


Similar Part No. - MAX3272A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3272 MAXIM-MAX3272 Datasheet
549Kb / 12P
   3.3V, 2.5Gbps Low-Power Limiting Amplifier
MAX3272E/D MAXIM-MAX3272E/D Datasheet
549Kb / 12P
   3.3V, 2.5Gbps Low-Power Limiting Amplifier
MAX3272EGP MAXIM-MAX3272EGP Datasheet
549Kb / 12P
   3.3V, 2.5Gbps Low-Power Limiting Amplifier
More results

Similar Description - MAX3272A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3272 MAXIM-MAX3272 Datasheet
549Kb / 12P
   3.3V, 2.5Gbps Low-Power Limiting Amplifier
MAX3822 MAXIM-MAX3822_V01 Datasheet
624Kb / 10P
   3.3V, 2.5Gbps Quad Limiting Amplifier
19-2144; Rev 2; 7/06
MAX3822 MAXIM-MAX3822 Datasheet
1Mb / 14P
   3.3V, 2.5Gbps Quad Limiting Amplifier
Rev 1; 7/04
MAX3866 MAXIM-MAX3866 Datasheet
200Kb / 12P
   2.5Gbps, 3.3V Combined Transimpedance/Limiting Amplifier
19-1433; Rev 1; 3/99
MAX3264 MAXIM-MAX3264 Datasheet
344Kb / 17P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
Rev 6, 5/04
MAX3264 MAXIM-MAX3264_V01 Datasheet
991Kb / 10P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
MAX3273 MAXIM-MAX3273 Datasheet
984Kb / 15P
   3.3V, 2.5Gbps Low-Power Laser Driver
19-2081; Rev 1; 12/02
MAX3271 MAXIM-MAX3271 Datasheet
558Kb / 8P
   3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
MAX3273 MAXIM-MAX3273_V01 Datasheet
743Kb / 18P
   3.3V, 2.5Gbps Low-Power Laser Driver
2007
logo
Micrel Semiconductor
SY88943V MICREL-SY88943V Datasheet
71Kb / 8P
   5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com