Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APXA6R3ARA151MH70G Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # APXA6R3ARA151MH70G
Description  CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

APXA6R3ARA151MH70G Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  APXA6R3ARA151MH70G Datasheet HTML 1Page - United Chemi-Con, Inc. APXA6R3ARA151MH70G Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Surface Mount
NPCAPTM-
PXA
Series
◆STANDARD RATINGS
WV
(Vdc)
Cap
(µF)
Size
code
Leakage
current
(µA max./
after
2 min.)
ESR
(mΩ max./ 20℃,
100k to 300kHz)
Rated ripple
current
(mArms/105℃,
100kHz)
Part No.
WV
(Vdc)
Cap
(µF)
Size
code
Leakage
current
(µA max./
after
2 min.)
ESR
(mΩ max./ 20℃,
100k to 300kHz)
Rated ripple
current
(mArms/105℃,
100kHz)
Part No.
2.5
220 F55
110
25
2,500
APXA2R5ARA221MF55G
10
4.7 D55
23.5
240
670
APXA100ARA4R7MD55G
220 F60
110
25
2,500
APXA2R5ARA221MF60G
6.8 D55
34.0
240
670
APXA100ARA6R8MD55G
560 H70
280
23
3,100
APXA2R5ARA561MH70G
10 D55
50.0
220
700
APXA100ARA100MD55G
680 HC0
340
12
4,770
APXA2R5ARA681MHC0G
15 D55
75.0
200
740
APXA100ARA150MD55G
1,000 J80
500
19
4,240
APXA2R5ARA102MJ80G
33 E60
66.0
40
1,270
APXA100ARA330ME60G
1,500 JC0
750
10
5,500
APXA2R5ARA152MJC0G
47 E60
94.0
40
1,270
APXA100ARA470ME60G
4
33 D55
66.0
200
740
APXA4R0ARA330MD55G
47 F45
235
41
1,560
APXA100ARA470MF45G
100 F55
80.0
26
2,450
APXA4R0ARA101MF55G
47 F60
94.0
31
2,250
APXA100ARA470MF60G
100 F60
80.0
26
2,450
APXA4R0ARA101MF60G
56 F55
112
31
2,250
APXA100ARA560MF55G
120 F45
240
38
1,710
APXA4R0ARA121MF45G
56 F60
112
31
2,250
APXA100ARA560MF60G
150 E60
120
30
1,490
APXA4R0ARA151ME60G
120 H70
240
27
2,800
APXA100ARA121MH70G
150 F55
120
26
2,450
APXA4R0ARA151MF55G
150 H70
300
27
2,800
APXA100ARA151MH70G
150 F60
120
26
2,450
APXA4R0ARA151MF60G
270 HC0
540
14
4,420
APXA100ARA271MHC0G
220 H70
176
25
3,020
APXA4R0ARA221MH70G
270 J80
540
24
3,770
APXA100ARA271MJ80G
330 H70
264
25
3,020
APXA4R0ARA331MH70G
330 HC0
660
14
4,420
APXA100ARA331MHC0G
470 J80
376
20
4,130
APXA4R0ARA471MJ80G
330 J80
660
24
3,770
APXA100ARA331MJ80G
560 HC0
448
12
4,770
APXA4R0ARA561MHC0G
470 JC0
940
12
5,300
APXA100ARA471MJC0G
680 J80
544
20
4,130
APXA4R0ARA681MJ80G
560 JC0
1,120
12
5,300
APXA100ARA561MJC0G
820 JC0
656
10
5,500
APXA4R0ARA821MJC0G
16
3.3 D55
26.4
260
660
APXA160ARA3R3MD55G
1,200 JC0
960
10
5,500
APXA4R0ARA122MJC0G
22 E60
70.4
45
1,210
APXA160ARA220ME60G
6.3
22 D55
69.3
200
740
APXA6R3ARA220MD55G
22 F45
176
45
1,490
APXA160ARA220MF45G
47 E60
59.2
35
1,380
APXA6R3ARA470ME60G
33 F60
105
37
2,050
APXA160ARA330MF60G
68 F60
85.6
27
2,400
APXA6R3ARA680MF60G
39 F55
124
37
2,050
APXA160ARA390MF55G
82 F45
258
40
1,670
APXA6R3ARA820MF45G
39 F60
124
37
2,050
APXA160ARA390MF60G
82 F55
103
27
2,400
APXA6R3ARA820MF55G
82 H70
262
30
2,700
APXA160ARA820MH70G
82 F60
103
27
2,400
APXA6R3ARA820MF60G
150 J80
480
26
3,430
APXA160ARA151MJ80G
100 E60
126
35
1,380
APXA6R3ARA101ME60G
180 HC0
576
16
4,360
APXA160ARA181MHC0G
100 F45
315
40
1,670
APXA6R3ARA101MF45G
180 J80
576
26
3,430
APXA160ARA181MJ80G
100 F55
126
27
2,400
APXA6R3ARA101MF55G
220 JC0
704
14
5,050
APXA160ARA221MJC0G
100 F60
126
27
2,400
APXA6R3ARA101MF60G
330 JC0
1,050
14
5,050
APXA160ARA331MJC0G
120 F60
151
27
2,400
APXA6R3ARA121MF60G
20
15 F45
150
57
1,300
APXA200ARA150MF45G
150 H70
189
25
3,020
APXA6R3ARA151MH70G
22 F55
88.0
50
1,650
APXA200ARA220MF55G
220 H70
277
25
3,020
APXA6R3ARA221MH70G
22 F60
88.0
50
1,650
APXA200ARA220MF60G
330 J80
415
20
4,130
APXA6R3ARA331MJ80G
39 H70
156
45
2,000
APXA200ARA390MH70G
390 HC0
491
12
4,770
APXA6R3ARA391MHC0G
47 H70
188
45
2,000
APXA200ARA470MH70G
470 HC0
592
12
4,770
APXA6R3ARA471MHC0G
82 J80
328
40
2,500
APXA200ARA820MJ80G
470 J80
592
20
4,130
APXA6R3ARA471MJ80G
150 JC0
600
20
4,320
APXA200ARA151MJC0G
680 JC0
856
10
5,500
APXA6R3ARA681MJC0G
23
15 F45
172
57
1,300
APXA230ARA150MF45G
820 JC0
1,030
10
5,500
APXA6R3ARA821MJC0G
25
10 F60
125
65
1,500
APXA250ARA100MF60G
22 H70
275
50
1,800
APXA250ARA220MH70G
39 J80
487
45
2,100
APXA250ARA390MJ80G
43
CAT. No. E1001Q
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS


Similar Part No. - APXA6R3ARA151MH70G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
APXA6R3ARA151MH70G CHEMI-CON-APXA6R3ARA151MH70G Datasheet
44Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXA6R3ARA151MH70G CHEMI-CON-APXA6R3ARA151MH70G Datasheet
67Kb / 2P
   PXANPCAPTM- Series
More results

Similar Description - APXA6R3ARA151MH70G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
APSC160ELL331 CHEMI-CON-APSC160ELL331 Datasheet
303Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSK2R5ELL561 CHEMI-CON-APSK2R5ELL561 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSA100ELL470 CHEMI-CON-APSA100ELL470 Datasheet
37Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
63SXV33M PANASONIC-63SXV33M Datasheet
48Kb / 1P
   Conductive Polymer Aluminum Solid Capacitors ?
logo
List of Unclassifed Man...
APSA6R3ELL681MJB5S ETC2-APSA6R3ELL681MJB5S Datasheet
43Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
2R5SVT560M PANASONIC-2R5SVT560M Datasheet
542Kb / 7P
   Conductive Polymer Aluminum Solid Capacitors
SVPE PANASONIC-SVPE_V01 Datasheet
1Mb / 7P
   Conductive Polymer Aluminum Solid Capacitors
01-Apr-22
logo
Nippon Precision Circui...
APSF2R0ESS102MF08S NPC-APSF2R0ESS102MF08S Datasheet
49Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
United Chemi-Con, Inc.
APSK2R5ELL221 CHEMI-CON-APSK2R5ELL221 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG160ARA102 CHEMI-CON-APXG160ARA102 Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG200ARA560 CHEMI-CON-APXG200ARA560 Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com