Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APXG200ARA151MF80G Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # APXG200ARA151MF80G
Description  CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

APXG200ARA151MF80G Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  APXG200ARA151MF80G Datasheet HTML 1Page - United Chemi-Con, Inc. APXG200ARA151MF80G Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Surface Mount
NPCAPTM-
PXG
Series
・Super low ESR, high ripple current capability
・Rated voltage range : 16 to 25Vdc, Capacitance range : 10 to 1,000µF
・Case size : φ5×4.5L toφ10×12.2L
・Solvent resistant type (see PRECAUTIONS AND GUIDELINES)
・RoHS Compliant
・Halogen Free
◆SPECIFICATIONS
Items
Characteristics
Category
Temperature Range
-55 to +105
Rated Voltage Range
16 to 25Vdc
Capacitance Tolerance
±20% (M)
(at 20
℃, 120Hz)
Surge Voltage
Rated voltage
×1.15
(at 105
℃)
Leakage Current
Shall not exceed values shown in STANDARD RATINGS.
(at 20
℃ after 2 minutes)
Dissipation Factor
(tanδ)
0.12 max.
(at 20
℃, 120Hz)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Z(-25
℃)/Z(+20℃)≦1.15
Z(-55
℃)/Z(+20℃)≦1.25
(at 100kHz)
Endurance
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after the rated voltage is applied for 15,000 hours
(E46,F45 : 3,000 hours) at 105
℃.
Appearance
No significant damage
Capacitance change
≦±20% of the initial value
D.F. (tan
δ)
≦150% of the initial specified value
ESR
≦150% of the initial specified value
Leakage current
≦The initial specified value
Bias Humidity
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjecting them to the DC rated voltage at
60
℃, 90 to 95% RH for 1,000 hours (E46,F45 : 500 hours).
Appearance
No significant damage
Capacitance change
≦±20% of the initial value
D.F. (tan
δ)
≦150% of the initial specified value
ESR
≦150% of the initial specified value
Leakage current
≦The initial specified value
Surge Voltage
The capacitors shall be subjected to 1,000 cycles each consisting of charge with the surge voltage specified at 105
℃ for 30 seconds
through a protective resistor(R=1k
Ω)and discharge for 5 minutes 30 seconds.
Appearance
No significant damage
Capacitance change
≦±20% of the initial value
D.F. (tan
δ)
≦150% of the initial specified value
ESR
≦150% of the initial specified value
Leakage current
≦The initial specified value
Failure Rate
0.5% per 1,000 hours maximum (Confidence level 60% at 105
℃)
*Note : If any doubt arises, measure the leakage current after the following voltage treatment.
Voltage treatment : DC rated voltage is applied to the capacitors for 120 minutes at 105
℃.
◆DIMENSIONS [mm]
0.3max.
W
Size Code
E46
F45
φD
5
6.3
L
4.5
4.4
A
5.3
6.6
B
5.3
6.6
C
5.9
7.2
W
0.5 to 0.8
0.5 to 0.8
P
1.4
1.9
Terminal Code : A
A
±0.2
E61
5
5.8
5.3
5.3
5.9
0.5 to 0.8
1.4
F61
JA0
6.3
6.3
10
10
5.8
10.0
6.6
10.3
10.3
6.6
10.3
10.3
7.2
11.0
11.0
0.5 to 0.8
0.7 to 1.1
1.9
4.5
4.5
JC0
10 12.2 10.3 10.3 11.0 0.7 to 1.1
4.5
J80
0.7 to 1.1
HA0
8
10.0
8.3
8.3
8.3
9.0
0.7 to 1.1
3.1
H80
8
7.7
7.7
8.3
9.0
0.7 to 1.1
3.1
H70
8
6.7
8.3
8.3
9.0
0.7 to 1.1
3.1
F80
7.7
6.6
6.6
7.2
0.5 to 0.8
1.9
L
±0.3 (Note)
Note : L+0.1/-0.2 for E46 and F45
L
±0.5 for HA0, JA0 and JC0
◆PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Taping code
Terminal code
Voltage code (ex. 16V:160, 20V:200)
Series code
Category
A P X G
A R A
G
M
1
3
4
2
6
7
8
9
10
13
12
5
18
17
16
11
15
14
Capacitance code (ex. 47
µF:470, 100µF:101)
Please refer to "Product code guide (conductive polymer type)"
Downsized
PXG
PXE P40
◆MARKING
EX) 25V47
µF
G14A
47
25V
32
CAT. No. E1001Q
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS


Similar Part No. - APXG200ARA151MF80G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
APXG200ARA151MF80G CHEMI-CON-APXG200ARA151MF80G Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG200ARA151MF80G CHEMI-CON-APXG200ARA151MF80G Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results

Similar Description - APXG200ARA151MF80G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
APSC160ELL331 CHEMI-CON-APSC160ELL331 Datasheet
303Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSK2R5ELL561 CHEMI-CON-APSK2R5ELL561 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSA100ELL470 CHEMI-CON-APSA100ELL470 Datasheet
37Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
63SXV33M PANASONIC-63SXV33M Datasheet
48Kb / 1P
   Conductive Polymer Aluminum Solid Capacitors ?
logo
List of Unclassifed Man...
APSA6R3ELL681MJB5S ETC2-APSA6R3ELL681MJB5S Datasheet
43Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
2R5SVT560M PANASONIC-2R5SVT560M Datasheet
542Kb / 7P
   Conductive Polymer Aluminum Solid Capacitors
SVPE PANASONIC-SVPE_V01 Datasheet
1Mb / 7P
   Conductive Polymer Aluminum Solid Capacitors
01-Apr-22
logo
Nippon Precision Circui...
APSF2R0ESS102MF08S NPC-APSF2R0ESS102MF08S Datasheet
49Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
United Chemi-Con, Inc.
APSK2R5ELL221 CHEMI-CON-APSK2R5ELL221 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG200ARA560 CHEMI-CON-APXG200ARA560 Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com