Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMK5105K63J04L4BULK Datasheet(PDF) 1 Page - Kemet Corporation

Part # MMK5105K63J04L4BULK
Description  Film, Metallized Polyester, Commercial Grade, MMK/F601, 1 uF, 10%, 63 V, 85C, Lead Spacing = 5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

MMK5105K63J04L4BULK Datasheet(HTML) 1 Page - Kemet Corporation

  MMK5105K63J04L4BULK Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - fa1507dc-b49a-499b-af7c-49f0eaa144ff
KEMET Part Number: MMK5105K63J04L4BULK
(F601JQ105K063C)
Film, Metallized Polyester, Commercial Grade, MMK/F601, 1 uF, 10%, 63 V, 85C, Lead Spacing = 5mm
Dimensions
L
7.2mm MAX
H
10mm MAX
T
5mm MAX
S
5mm +/-0.4mm
LL
5mm NOM
F
0.5mm NOM
Packaging Specifications
Packaging: Bulk
Packaging Quantity: 1000
General Information
Dielectric: Metallized Polyester
Style: Radial
Series: MMK/F601
Features: Pulse
RoHS: Yes
Lead: Wire Leads
Miscellaneous:
Not For New Design, Please
Check Possible Alternative Parts
(AltPart)
Specifications
Capacitance: 1 uF
Capacitance Tolerance: 10%
Voltage DC: 63 VDC, 48.8 VDC (100C)
Voltage AC: 40 VAC
Temperature Range: -55/+100C
Rated Temperature: 85C
Dissipation Factor: 0.8% 1kHz, 1.2% 10kHz, 3%
100kHz
Insulation Resistance: 5 GOhms
Max dVdt: 25 V
Inductance: 6 nH
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - MMK5105K63J04L4BULK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MMK5102K63J01L16.5TR18 KEMET-MMK5102K63J01L16.5TR18 Datasheet
59Kb / 1P
   Film, Metallized Polyester, Commercial Grade, MMK/F601, 1000 pF, 10%, 63 V, 85C, Lead Spacing = 5mm
MMK5102K63J01L4BULK KEMET-MMK5102K63J01L4BULK Datasheet
55Kb / 1P
   Film, Metallized Polyester, Commercial Grade, MMK/F601, 1000 pF, 10%, 63 V, 85C, Lead Spacing = 5mm
MMK5103K63J01L4BULK KEMET-MMK5103K63J01L4BULK Datasheet
59Kb / 1P
   MMK/F601, Film, Metallized Polyester, General Purpose, 0.01 uF, 10%, 63 VDC, 85C, Lead Spacing = 5mm
MMK5104K63J01L16.5TR18 KEMET-MMK5104K63J01L16.5TR18 Datasheet
59Kb / 1P
   Film, Metallized Polyester, Commercial Grade, MMK/F601, 0.1 uF, 10%, 63 V, 85C, Lead Spacing = 5mm
MMK5104K63J01L4BULK KEMET-MMK5104K63J01L4BULK Datasheet
56Kb / 1P
   Capacitor, film, Metallized Polyester, 0.1 uF, /-10% Tol, -55/100C, General Purpose, 63 VDC@85C, Lead Spacing=5 mm, Not For New Design, Please Check Possible Alternative Parts (AltPart)
More results

Similar Description - MMK5105K63J04L4BULK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MMK5474K63J02L4BULK KEMET-MMK5474K63J02L4BULK Datasheet
55Kb / 1P
   Film, Metallized Polyester, Commercial Grade, MMK/F601, 0.47 uF, 10%, 63 V, 85C, Lead Spacing = 5mm
MMK5104K63J01L16.5TR18 KEMET-MMK5104K63J01L16.5TR18 Datasheet
59Kb / 1P
   Film, Metallized Polyester, Commercial Grade, MMK/F601, 0.1 uF, 10%, 63 V, 85C, Lead Spacing = 5mm
MMK5225K63J06L4BULK KEMET-MMK5225K63J06L4BULK Datasheet
55Kb / 1P
   Film, Metallized Polyester, Commercial Grade, MMK/F601, 2.2 uF, 10%, 63 V, 85C, Lead Spacing = 5mm
MMK5102K63J01L16.5TR18 KEMET-MMK5102K63J01L16.5TR18 Datasheet
59Kb / 1P
   Film, Metallized Polyester, Commercial Grade, MMK/F601, 1000 pF, 10%, 63 V, 85C, Lead Spacing = 5mm
MMK5102K63J01L4BULK KEMET-MMK5102K63J01L4BULK Datasheet
55Kb / 1P
   Film, Metallized Polyester, Commercial Grade, MMK/F601, 1000 pF, 10%, 63 V, 85C, Lead Spacing = 5mm
MMK5103K63J01L4BULK KEMET-MMK5103K63J01L4BULK Datasheet
59Kb / 1P
   MMK/F601, Film, Metallized Polyester, General Purpose, 0.01 uF, 10%, 63 VDC, 85C, Lead Spacing = 5mm
MMK5223K63J01L4BULK KEMET-MMK5223K63J01L4BULK_19 Datasheet
59Kb / 1P
   MMK/F601, Film, Metallized Polyester, General Purpose, 0.022 uF, 10%, 63 VDC, 85C, Lead Spacing = 5mm
R82DC4100AA60K KEMET-R82DC4100AA60K Datasheet
54Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 1 uF, 10%, 63 V, 85C, Lead Spacing = 5mm
R82DC4100DQ60K KEMET-R82DC4100DQ60K Datasheet
59Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 1 uF, 10%, 63 V, 85C, Lead Spacing = 5mm
R82DC3330AA60K KEMET-R82DC3330AA60K Datasheet
54Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.33 uF, 10%, 63 V, 85C, Lead Spacing = 5mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com