Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4038 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4038
Description  Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4038 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4038 Datasheet HTML 7Page - Maxim Integrated Products MAX4038 Datasheet HTML 8Page - Maxim Integrated Products MAX4038 Datasheet HTML 9Page - Maxim Integrated Products MAX4038 Datasheet HTML 10Page - Maxim Integrated Products MAX4038 Datasheet HTML 11Page - Maxim Integrated Products MAX4038 Datasheet HTML 12Page - Maxim Integrated Products MAX4038 Datasheet HTML 13Page - Maxim Integrated Products MAX4038 Datasheet HTML 14Page - Maxim Integrated Products MAX4038 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Low IBIAS, +1.4V/800nA, Rail-to-Rail Op Amps
with +1.2V Buffered Reference
______________________________________________________________________________________
11
Applications Information
Power-Supply Considerations
The MAX4036–MAX4039 operate from a single 1.4V
(MAX4036/MAX4038) or 1.8V (MAX4037/MAX4039) to
3.6V supply. A high amplifier power-supply rejection
ratio of 82dB and the excellent reference line regulation
allow the devices to be powered directly from a decay-
ing battery voltage, simplifying design and extending
battery life. The MAX4036–MAX4039 are ideally suited
for low-voltage battery-powered systems. The Typical
Operating Characteristics show the changes in supply
current and reference output as a function of supply
voltage.
Power-Up Settling Time
The MAX4036–MAX4039 typically require 0.25ms to
power-up. During this startup time, the output is inde-
terminate. The application circuit should allow for this
initial delay. See the Typical Operating Characteristics
for amplifier and reference settling time curves.
Driving Capacitive Loads: Op Amps
The MAX4036–MAX4039 amplifier(s) require no output
capacitor for stability, and are unity-gain stable for
loads up to 5000pF. Applications that require greater
capacitive-drive capability should use an isolation
resistor between the output and the capacitive load
(Figure 2). Note that this solution reduces the gain and
output voltage swing because RISO forms a voltage-
divider with the load resistor.
Crossover Distortion
The MAX4036–MAX4039 output stages are capable of
sourcing and sinking currents with orders of magnitude
greater than the stages’ quiescent current, which is
less than 1µA. This ability to drive heavy loads with
such a small quiescent current introduces crossover
distortion as the output stage passes between sinking
and sourcing. In the crossover regions, the output
impedance of the MAX4036–MAX4039 increases sub-
stantially, thereby changing the load-driving character-
istics. The distortion can be greatly reduced by
increasing the load resistance. For applications where
low load resistance is required, bias the load such that
the output current is always in one direction, to avoid
crossover distortion.
Reference Bypassing
The MAX4037/MAX4039 reference requires no external
capacitors.
Using the MAX4036–MAX4039 as a
Comparator
Although optimized for use as an operational amplifier,
the MAX4036–MAX4039 can be used as a rail-to-rail
I/O comparator (Figures 3, 4). External hysteresis can
be used to minimize the risk of output oscillation. The
positive feedback circuit, shown in Figure 4, causes the
input threshold to change when the output voltage
changes state.
Battery Monitoring Using the
MAX4037/MAX4039 and Hysteresis
The internal reference and low operating voltage of the
MAX4037/MAX4039 make the devices ideal for battery-
monitoring applications. Hysteresis can be set using
resistors as shown in Figure 4, and the following design
procedure:
1)
Choose R3. The input bias current of IN_+ is under
100pA over temperature, so a current through R3
around 100nA maintains accuracy. The current
through R3 at the trip point is VREF / R3, or 100nA
for R3 = 12M
Ω. 10MΩ is a good practical value.
2)
Choose the hysteresis voltage (VHB), the voltage
between the upper and lower thresholds. In this
example, choose VHB = 50mV (see Figure 3).
MAX4038
RISO
RL
CL
RL
RL + RISO
AV =
= 1
Figure 2. Using a Resistor to Isolate a Capacitive Load from
the Op Amp
VHB
VOH
VOL
VTHR
VTHF
INPUT
OUTPUT
Figure 3. Hysteresis


Similar Part No. - MAX4038

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4038 MAXIM-MAX4038 Datasheet
616Kb / 22P
   Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Rev 5; 11/09
MAX4038AAUA MAXIM-MAX4038AAUA Datasheet
616Kb / 22P
   Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Rev 5; 11/09
MAX4038EBL-T MAXIM-MAX4038EBL-T Datasheet
616Kb / 22P
   Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Rev 5; 11/09
MAX4038ETA-T MAXIM-MAX4038ETA-T Datasheet
616Kb / 22P
   Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Rev 5; 11/09
MAX4038EUA MAXIM-MAX4038EUA Datasheet
616Kb / 22P
   Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Rev 5; 11/09
More results

Similar Description - MAX4038

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4036 MAXIM-MAX4036_09 Datasheet
616Kb / 22P
   Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Rev 5; 11/09
MAX9614 MAXIM-MAX9614 Datasheet
2Mb / 12P
   Low-Power Single/Dual, Rail-to-Rail Op Amps
Rev 0; 8/10
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
logo
Torex Semiconductor
XC221A TOREX-XC221A_15 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
logo
Linear Technology
LT6014 LINER-LT6014_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
logo
Maxim Integrated Produc...
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
logo
Torex Semiconductor
XC221A-12 TOREX-XC221A-12 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A TOREX-XC221A_12 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A TOREX-XC221A_1 Datasheet
928Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
logo
Linear Technology
LT1679 LINER-LT1679_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com