Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APXF100ARA271MF61G Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # APXF100ARA271MF61G
Description  CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

APXF100ARA271MF61G Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  APXF100ARA271MF61G Datasheet HTML 1Page - United Chemi-Con, Inc. APXF100ARA271MF61G Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Surface Mount
NPCAPTM-
PXF
Series
◆STANDARD RATINGS
WV
(Vdc)
Cap
(µF)
Size
code
Leakage current
(µA max./after 2min.)
ESR
(mΩ max./20℃, 100k to 300kHz)
Rated ripple current
(mArms/105℃, 100kHz)
Part No.
2
680
F61
700
12
3,500
APXF2R0ARA681MF61G
2.5
220
E40
700
12
3,300
APXF2R5ARA221ME40G
220
E46
700
25
2,100
APXF2R5ARA221ME46G
330
E61
700
10
3,900
APXF2R5ARA331ME61G
330
F45
700
12
3,500
APXF2R5ARA331MF45G
390
E61
700
10
3,900
APXF2R5ARA391ME61G
390
F61
292
10
3,900
APXF2R5ARA391MF61G
470
F80
352
9
4,200
APXF2R5ARA471MF80G
560
F61
700
10
3,900
APXF2R5ARA561MF61G
560
F80
420
9
4,200
APXF2R5ARA561MF80G
560
H70
420
10
4,500
APXF2R5ARA561MH70G
680
H70
510
10
4,500
APXF2R5ARA681MH70G
1,000
H80
750
9
4,500
APXF2R5ARA102MH80G
4
330
F61
396
10
3,900
APXF4R0ARA331MF61G
390
F80
468
9
4,200
APXF4R0ARA391MF80G
470
H70
564
10
4,500
APXF4R0ARA471MH70G
560
H70
672
10
4,500
APXF4R0ARA561MH70G
680
H80
816
9
4,500
APXF4R0ARA681MH80G
6.3
150
E40
700
20
2,700
APXF6R3ARA151ME40G
150
E46
700
25
2,100
APXF6R3ARA151ME46G
150
E61
700
12
3,500
APXF6R3ARA151ME61G
220
E61
700
12
3,500
APXF6R3ARA221ME61G
220
F61
415
10
3,900
APXF6R3ARA221MF61G
270
F80
510
9
4,200
APXF6R3ARA271MF80G
330
F61
700
10
3,900
APXF6R3ARA331MF61G
330
F80
623
9
4,200
APXF6R3ARA331MF80G
330
H70
623
10
4,500
APXF6R3ARA331MH70G
390
H70
737
10
4,500
APXF6R3ARA391MH70G
470
H80
888
9
4,500
APXF6R3ARA471MH80G
560
H80
1,050
9
4,500
APXF6R3ARA561MH80G
10
120
E61
240
22
2,600
APXF100ARA121ME61G
270
F61
540
20
2,800
APXF100ARA271MF61G
39
CAT. No. E1001Q
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS


Similar Part No. - APXF100ARA271MF61G

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
APXF100ARA271MF61G NPC-APXF100ARA271MF61G Datasheet
308Kb / 2P
   Super low ESR, impedance and high heat resistance have been obtained by using conductive polymer as electrolyte
More results

Similar Description - APXF100ARA271MF61G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
APSC160ELL331 CHEMI-CON-APSC160ELL331 Datasheet
303Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSK2R5ELL561 CHEMI-CON-APSK2R5ELL561 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSA100ELL470 CHEMI-CON-APSA100ELL470 Datasheet
37Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
63SXV33M PANASONIC-63SXV33M Datasheet
48Kb / 1P
   Conductive Polymer Aluminum Solid Capacitors ?
logo
List of Unclassifed Man...
APSA6R3ELL681MJB5S ETC2-APSA6R3ELL681MJB5S Datasheet
43Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
2R5SVT560M PANASONIC-2R5SVT560M Datasheet
542Kb / 7P
   Conductive Polymer Aluminum Solid Capacitors
SVPE PANASONIC-SVPE_V01 Datasheet
1Mb / 7P
   Conductive Polymer Aluminum Solid Capacitors
01-Apr-22
logo
Nippon Precision Circui...
APSF2R0ESS102MF08S NPC-APSF2R0ESS102MF08S Datasheet
49Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
United Chemi-Con, Inc.
APSK2R5ELL221 CHEMI-CON-APSK2R5ELL221 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG160ARA102 CHEMI-CON-APXG160ARA102 Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG200ARA560 CHEMI-CON-APXG200ARA560 Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com