Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCM.01.0151W Datasheet(PDF) 5 Page - Taoglas antenna solutions

Part # WCM.01.0151W
Description  2400MHz to 2500MHz Antenna
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

WCM.01.0151W Datasheet(HTML) 5 Page - Taoglas antenna solutions

  WCM.01.0151W Datasheet HTML 1Page - Taoglas antenna solutions WCM.01.0151W Datasheet HTML 2Page - Taoglas antenna solutions WCM.01.0151W Datasheet HTML 3Page - Taoglas antenna solutions WCM.01.0151W Datasheet HTML 4Page - Taoglas antenna solutions WCM.01.0151W Datasheet HTML 5Page - Taoglas antenna solutions WCM.01.0151W Datasheet HTML 6Page - Taoglas antenna solutions WCM.01.0151W Datasheet HTML 7Page - Taoglas antenna solutions WCM.01.0151W Datasheet HTML 8Page - Taoglas antenna solutions WCM.01.0151W Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
SPE-16-8-079/A/WY
Page 5 of 30
3. Antenna Characteristics
3.1 Testing Setup
Figure.1 Antenna Measurement Setup
b) With 10*10cm
ground plane center
edge
c) With 10*10cm
ground plane off center
edge
a) In free space
e) With 20*20cm
ground plane off
center edge
d) With 20*20cm
ground plane center
edge
f) With 30*30cm
ground plane center
edge
g) With 30*30cm
ground plane off center
edge


Similar Part No. - WCM.01.0151W

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
WCM.01.0151 TAOGLAS-WCM.01.0151 Datasheet
4Mb / 30P
   rohs compliant
More results

Similar Description - WCM.01.0151W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA14 ETC2-CA14 Datasheet
675Kb / 7P
   2400MHz to 2500MHz WLAN/WIFI/Bluetooth/Zigbee
WLA01 ETC2-WLA01 Datasheet
1Mb / 14P
   2.5dBi 2400MHz to 2500MHz WLAN/WIFI/Bluetooth/Zigbee
FGPANEL03 ETC2-FGPANEL03 Datasheet
298Kb / 6P
   2400-2500MHz Panel antenna
logo
Mini-Circuits
K1-TCM MINI-K1-TCM Datasheet
316Kb / 1P
   0.5 to 2500MHz
logo
A-Data Technology
DDR42400 A-DATA-DDR42400 Datasheet
394Kb / 2P
   High speed up to 2400MHz
DDR42400SO-DIMM A-DATA-DDR42400SO-DIMM Datasheet
401Kb / 2P
   High speed up to 2400MHz
logo
Vecow Co., Ltd.
EMBC-3000 VECOW-EMBC-3000 Datasheet
852Kb / 2P
   DDR4 2400MHz memory, up to 32GB
logo
Pasternack Enterprises,...
PE51054 PASTERNACK-PE51054 Datasheet
87Kb / 1P
   Dual Band Panel Antenna 806-960 & 1710-2500MHz , 7dBi
logo
American Accurate Compo...
JXWBLA-S-10-500-29 AAC-JXWBLA-S-10-500-29 Datasheet
63Kb / 1P
   Wideband Amplifiers 10 to 2500MHz
logo
Maxim Integrated Produc...
MAX2009 MAXIM-MAX2009 Datasheet
525Kb / 19P
   1200MHz to 2500MHz Adjustable RF Predistorter
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com