Electronic Components Datasheet Search |
|
APXA100ARA470ME60G Datasheet(PDF) 1 Page - United Chemi-Con, Inc. |
|
APXA100ARA470ME60G Datasheet(HTML) 1 Page - United Chemi-Con, Inc. |
1 / 2 page Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications. Surface Mount NPCAPTM- PXA Series ・Super low ESR, impedance and high heat resistance have been obtained by using conductive polymer as electrolyte ・Rated voltage range : 2.5 to 25Vdc, case size range : φ4×5.2L toφ10×12.2L ・Suitable for DC-DC converters, voltage regulators and decoupling applications used on computer motherboards etc. ・Solvent resistant type (see PRECAUTIONS AND GUIDELINES) ・RoHS Compliant ・Halogen Free ◆SPECIFICATIONS Items Characteristics Category Temperature Range -55 to +105 ℃ Rated Voltage Range 2.5 to 25Vdc Capacitance Tolerance ±20% (M) (at 20 ℃, 120Hz) Surge Voltage Rated voltage ×1.15 (Rated voltage 2.5 to 20Vdc, 25Vdc) / Rated voltage×1.00 (Rated voltage 23Vdc) (at 105 ℃) Leakage Current Shall not exceed values shown in STANDARD RATINGS. (at 20 ℃ after 2 minutes) Dissipation Factor (tanδ) 0.12 max. (at 20 ℃, 120Hz) Low Temperature Characteristics (Max. Impedance Ratio) Z(-25 ℃)/Z(+20℃)≦1.15 Z(-55 ℃)/Z(+20℃)≦1.25 (at 100kHz) Endurance The following specifications shall be satisfied when the capacitors are restored to 20 ℃ after the rated voltage is applied for 15,000 hours (F45 : 3,000 hours) at 105 ℃. Appearance No significant damage Capacitance change ≦±20% of the initial value D.F. (tan δ) ≦150% of the initial specified value ESR ≦150% of the initial specified value Leakage current ≦The initial specified value Bias Humidity The following specifications shall be satisfied when the capacitors are restored to 20 ℃ after subjecting them to the DC rated voltage at 60 ℃, 90 to 95% RH for 1,000 hours(F45 : 500 hours). Appearance No significant damage Capacitance change ≦±20% of the initial value D.F. (tan δ) ≦150% of the initial specified value ESR ≦150% of the initial specified value Leakage current ≦The initial specified value Surge Voltage The capacitors shall be subjected to 1,000 cycles each consisting of charge with the surge voltage specified at 105 ℃ for 30 seconds through a protective resistor(R=1k Ω) and discharge for 5 minutes 30 seconds. Appearance No significant damage Capacitance change ≦±20% of the initial value D.F. (tan δ) ≦150% of the initial specified value ESR ≦150% of the initial specified value Leakage current ≦The initial specified value Failure Rate 0.5% per 1,000 hours maximum (Confidence level 60% at 105 ℃) *Note : If any doubt arises, measure the leakage current after the following voltage treatment. Voltage treatment : DC rated voltage is applied to the capacitors for 120 minutes at 105 ℃. ◆DIMENSIONS [mm] 0.3max. A ±0.2 W Note : L+0.1/-0.2 for F45 L ±0.5 for HC0 and JC0 Size code D55 E60 F45 F55 F60 H70 HC0 J80 JC0 φD 4 5 6.3 6.3 6.3 8 8 10 10 L 5.2 5.7 4.4 5.2 5.7 6.7 12.0 7.7 12.2 A 4.3 5.3 6.6 6.6 6.6 8.3 8.3 10.3 10.3 B 4.3 5.3 6.6 6.6 6.6 8.3 8.3 10.3 10.3 C 5.1 5.9 7.2 7.2 7.2 9.0 9.0 11.0 11.0 W 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.7 to 1.1 0.7 to 1.1 0.7 to 1.1 0.7 to 1.1 P 1.0 1.4 1.9 1.9 1.9 3.1 3.1 4.5 4.5 ● Terminal Code : A L ±0.3 (Note) ◆PART NUMBERING SYSTEM Supplement code Size code Capacitance tolerance code Taping code Terminal code Series code Category A P X A A R A G M 1 3 4 2 6 7 8 9 10 13 12 5 18 17 16 11 15 14 Please refer to "Product code guide (conductive polymer type)" Capacitance code (ex. 10µF:100,100µF:101) Voltage code (ex. 6.3V:6R3,10V:100) Lower ESR PXA PXE P40 ◆MARKING A15L 39 16V EX) 16V39µF 42 CAT. No. E1001Q CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS |
Similar Part No. - APXA100ARA470ME60G |
|
Similar Description - APXA100ARA470ME60G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |