Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD6050LT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBD6050LT1G
Description  Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBD6050LT1G Datasheet(HTML) 2 Page - ON Semiconductor

  MMBD6050LT1G Datasheet HTML 1Page - ON Semiconductor MMBD6050LT1G Datasheet HTML 2Page - ON Semiconductor MMBD6050LT1G Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMBD6050LT1G
www.onsemi.com
2
Notes: 1. A 2.0 kW variable resistor adjusted for a Forward Current (IF) of 10 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
Notes: 3. tp » trr
+10 V
2.0 k
820
W
0.1
mF
DUT
VR
100
mH
0.1
mF
50
W OUTPUT
PULSE
GENERATOR
50
W INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 1.0 mA
OUTPUT PULSE
(IF = IR = 10 mA; MEASURED
at iR(REC) = 1.0 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit
TYPICAL CHARACTERISTICS
Figure 2. Forward Voltage
VF, FORWARD VOLTAGE (VOLTS)
1.0
10
100
0.1
Figure 3. Leakage Current
VR, REVERSE VOLTAGE (VOLTS)
10
0
1.0
0.1
0.001
0.01
10
20
30
40
50
1.0
1.2
0.2
0.4
0.6
0.8
Figure 4. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
0
0.68
0.64
0.60
0.52
0.56
2.0
4.0
6.0
8.0
TA = 85°C
TA = -40°C
TA = 25°C
TA = 25°C
TA = 55°C
TA = 85°C
TA = 150°C
TA = 125°C


Similar Part No. - MMBD6050LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBD6050LT1G ONSEMI-MMBD6050LT1G Datasheet
122Kb / 3P
   Switching Diode
August, 2009 ??Rev. 5
More results

Similar Description - MMBD6050LT1G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com