Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMMSD4148T3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # SMMSD4148T3G
Description  Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMMSD4148T3G Datasheet(HTML) 1 Page - ON Semiconductor

  SMMSD4148T3G Datasheet HTML 1Page - ON Semiconductor SMMSD4148T3G Datasheet HTML 2Page - ON Semiconductor SMMSD4148T3G Datasheet HTML 3Page - ON Semiconductor SMMSD4148T3G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2016
June, 2016 − Rev. 13
1
Publication Order Number:
MMSD4148T1/D
MMSD4148, SMMSD4148
Switching Diode
Features
SOD−123 Surface Mount Package
High Breakdown Voltage
Fast Speed Switching Time
S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable*
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
VR
100
V
Forward Current
IF
200
mA
Forward Surge Current
t < 1 sec
(Note 1)
t = 1
msec
IFSM
1.0
2.0
A
Repetitive Peak Forward Current
(Pulse Wave = 1 sec, Duty Cycle = 66%)
IFRM
0.5
A
Operating and Storage Junction Temperature
Range
TJ, Tstg
−55 to
+150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Typical Values
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR−5 Board (Note 2)
TA = 25°C
Derate above 25
°C
PD
425
3.4
mW
mW/
°C
Thermal Resistance Junction−to−Ambient
RqJA
290
°C/W
2. FR−5 = 1.0 oz Cu, 1.0 inz pad
Device
Package
Shipping
ORDERING INFORMATION
SOD−123
CASE 425
STYLE 1
1
CATHODE
2
ANODE
MMSD4148T1G
SOD−123
(Pb−Free)
3,000 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
5I
= Device Code
M
= Date Code
G
= Pb−Free Package
www.onsemi.com
(Note: Microdot may be in either location)
MMSD4148T3G
SOD−123
(Pb−Free)
10,000 /
Tape & Reel
1
5I M
G
G
MARKING DIAGRAM
SMMSD4148T1G*
SOD−123
(Pb−Free)
3,000 /
Tape & Reel
SMMSD4148T3G*
SOD−123
(Pb−Free)
10,000 /
Tape & Reel


Similar Part No. - SMMSD4148T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMMSD4148T3G ONSEMI-SMMSD4148T3G Datasheet
130Kb / 4P
   Switching Diode
November, 2011 ??Rev. 11
SMMSD4148T3G ONSEMI-SMMSD4148T3G Datasheet
136Kb / 5P
   Switching Diode
June, 2016 - Rev. 13
More results

Similar Description - SMMSD4148T3G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com