Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4038EUA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4038EUA
Description  Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4038EUA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4038EUA Datasheet HTML 6Page - Maxim Integrated Products MAX4038EUA Datasheet HTML 7Page - Maxim Integrated Products MAX4038EUA Datasheet HTML 8Page - Maxim Integrated Products MAX4038EUA Datasheet HTML 9Page - Maxim Integrated Products MAX4038EUA Datasheet HTML 10Page - Maxim Integrated Products MAX4038EUA Datasheet HTML 11Page - Maxim Integrated Products MAX4038EUA Datasheet HTML 12Page - Maxim Integrated Products MAX4038EUA Datasheet HTML 13Page - Maxim Integrated Products MAX4038EUA Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Low IBIAS, +1.4V/800nA, Rail-to-Rail Op Amps
with +1.2V Buffered Reference
10
______________________________________________________________________________________
Detailed Description
The MAX4036–MAX4039 consume an ultra-low supply
current and have rail-to-rail output stages specifically
designed for low-voltage operation. The input common-
mode voltage range extends from VDD - 0.4V to VSS,
although full rail-to-rail input range is possible with
degraded performance when operating from a supply
voltage above 3.0V. The input offset voltage is typically
200µV. Low-operating supply voltage, low supply current,
and rail-to-rail outputs make the MAX4036–MAX4039 an
excellent choice for precision or general-purpose low-
voltage, battery-powered systems.
Rail-to-Rail Outputs
The MAX4036–MAX4039 output stages can drive a 5k
load and still swing to within 40mV of the rails. Figure 1
shows the output voltage swing of the MAX4036–
MAX4039 configured as a unity-gain buffer, powered
from a single 2.4V supply. The output for this setup typi-
cally swings from 5mV to VDD - 5mV with a 100k
Ω load.
Pin Description
PIN
MAX4038
MAX4039
MAX4036
MAX4037
µMAX/TDFN
UCSP
µMAX/TDFN
UCSP
NAME
FUNCTION
13
——
——
IN+
Noninverting Amplifier Input
22
4
A2
5
A2
VSS
Negative Power-Supply Voltage
34
——
——
IN-
Inverting Amplifier Input
41
——
——
OUT
Amplifier Output
56
8
C2
10C2
VDD
Positive Power-Supply Voltage
—5
——
6B2
REF
Reference Voltage Output
——
1C11
C1
OUTA
Amplifier Output (Channel A)
——
2B12
B1
INA-
Inverting Amplifier Input (Channel A)
——
3A13
A1
INA+
Noninverting Amplifier Input (Channel A)
——
5A37
A3
INB+
Noninverting Amplifier Input (Channel B)
——
6B38
B3
INB-
Inverting Amplifier Input (Channel B)
——
7C39
C3
OUTB
Amplifier Output (Channel B)
——
—B24
—N.C.
No Connection. Not internally connected.
——
——
EP
(TDFN only)
Exposed Paddle. Solder EP to VSS or leave
unconnected (TDFN packages only).
2ms/div
1V/div
VIN_+
1.5V
1.5V
VOUT+
AV = 1V/V
Figure 1. Rail-to-Rail Input/Output Voltage Range


Similar Part No. - MAX4038EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4038EUA MAXIM-MAX4038EUA Datasheet
616Kb / 22P
   Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Rev 5; 11/09
More results

Similar Description - MAX4038EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4036 MAXIM-MAX4036_09 Datasheet
616Kb / 22P
   Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Rev 5; 11/09
MAX9614 MAXIM-MAX9614 Datasheet
2Mb / 12P
   Low-Power Single/Dual, Rail-to-Rail Op Amps
Rev 0; 8/10
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
logo
Torex Semiconductor
XC221A TOREX-XC221A_15 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
logo
Linear Technology
LT6014 LINER-LT6014_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
logo
Maxim Integrated Produc...
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
logo
Torex Semiconductor
XC221A-12 TOREX-XC221A-12 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A TOREX-XC221A_12 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A TOREX-XC221A_1 Datasheet
928Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
logo
Linear Technology
LT1679 LINER-LT1679_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com