Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HHXC500RA680MHA0G Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # HHXC500RA680MHA0G
Description  CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

HHXC500RA680MHA0G Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  HHXC500RA680MHA0G Datasheet HTML 1Page - United Chemi-Con, Inc. HHXC500RA680MHA0G Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
HXC
Series
◆STANDARD RATINGS
WV
(Vdc)
Cap
(µF)
Size code
ESR
(mΩmax./20℃, 100kHz)
Rated ripple current
(mArms/125℃, 100kHz)
Part No.
16
47
E61
80
550
HHXC160ARA470ME61G
82
F61
45
950
HHXC160ARA820MF61G
150
F80
27
1,450
HHXC160ARA151MF80G
270
HA0
22
1,700
HHXC160
□RA271MHA0G
470
JA0
18
2,100
HHXC160
□RA471MJA0G
25
33
E61
80
550
HHXC250ARA330ME61G
47
F61
50
900
HHXC250ARA470MF61G
56
F61
50
900
HHXC250ARA560MF61G
68
F80
30
1,400
HHXC250ARA680MF80G
100
F80
30
1,400
HHXC250ARA101MF80G
150
HA0
27
1,600
HHXC250
□RA151MHA0G
220
HA0
27
1,600
HHXC250
□RA221MHA0G
270
JA0
20
2,000
HHXC250
□RA271MJA0G
330
JA0
20
2,000
HHXC250
□RA331MJA0G
35
22
E61
100
550
HHXC350ARA220ME61G
27
F61
60
900
HHXC350ARA270MF61G
47
F61
60
900
HHXC350ARA470MF61G
47
F80
35
1,400
HHXC350ARA470MF80G
68
F80
35
1,400
HHXC350ARA680MF80G
100
HA0
27
1,600
HHXC350
□RA101MHA0G
150
HA0
27
1,600
HHXC350
□RA151MHA0G
150
JA0
20
2,000
HHXC350
□RA151MJA0G
270
JA0
20
2,000
HHXC350
□RA271MJA0G
50
10
E61
120
500
HHXC500ARA100ME61G
10
F61
80
750
HHXC500ARA100MF61G
15
F80
40
1,100
HHXC500ARA150MF80G
22
F61
80
750
HHXC500ARA220MF61G
33
F80
40
1,100
HHXC500ARA330MF80G
33
HA0
30
1,250
HHXC500
□RA330MHA0G
47
HA0
30
1,250
HHXC500
□RA470MHA0G
56
JA0
25
1,600
HHXC500
□RA560MJA0G
68
HA0
30
1,250
HHXC500
□RA680MHA0G
100
JA0
25
1,600
HHXC500
□RA101MJA0G
120
JA0
25
1,600
HHXC500
□RA121MJA0G
63
6.8
F61
120
700
HHXC630ARA6R8MF61G
10
F61
120
700
HHXC630ARA100MF61G
10
F80
80
900
HHXC630ARA100MF80G
22
F80
80
900
HHXC630ARA220MF80G
22
HA0
40
1,100
HHXC630
□RA220MHA0G
33
HA0
40
1,100
HHXC630
□RA330MHA0G
33
JA0
30
1,400
HHXC630
□RA330MJA0G
47
HA0
40
1,100
HHXC630
□RA470MHA0G
56
JA0
30
1,400
HHXC630
□RA560MJA0G
82
JA0
30
1,400
HHXC630
□RA820MJA0G
□ : Enter the appropriate terminal code.
New!
73
CAT. No. E1001Q
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
Surface Mount


Similar Part No. - HHXC500RA680MHA0G

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
HHXC160ARA271MHA0G NPC-HHXC160ARA271MHA0G Datasheet
362Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
HHXC160ARA471MJA0G NPC-HHXC160ARA471MJA0G Datasheet
362Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
HHXC250ARA221MHA0G NPC-HHXC250ARA221MHA0G Datasheet
362Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
HHXC250ARA331MJA0G NPC-HHXC250ARA331MJA0G Datasheet
362Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
HHXC350ARA151MHA0G NPC-HHXC350ARA151MHA0G Datasheet
362Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
More results

Similar Description - HHXC500RA680MHA0G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
HHXA350ARA470 CHEMI-CON-HHXA350ARA470 Datasheet
451Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nichicon corporation
GYA NICHICON-GYA Datasheet
1Mb / 1P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Panasonic Semiconductor
EEHAZA1E151B PANASONIC-EEHAZA1E151B Datasheet
669Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
EEE-FK1V101GP PANASONIC-EEE-FK1V101GP Datasheet
98Kb / 1P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
HHXB350ARA470 CHEMI-CON-HHXB350ARA470 Datasheet
352Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
HHXA160ARA820MF61G NPC-HHXA160ARA820MF61G Datasheet
511Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Panasonic Semiconductor
EEHZC1E220R PANASONIC-EEHZC1E220R Datasheet
522Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
ZSU PANASONIC-ZSU Datasheet
569Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
29-Jan-21
ZS-A PANASONIC-ZS-A Datasheet
572Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
30-Sep-20
ZKU-A PANASONIC-ZKU-A Datasheet
562Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
30-Sep-20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com