Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5233BT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMSZ5233BT1G
Description  Zener Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSZ5233BT1G Datasheet(HTML) 4 Page - ON Semiconductor

  MMSZ5233BT1G Datasheet HTML 1Page - ON Semiconductor MMSZ5233BT1G Datasheet HTML 2Page - ON Semiconductor MMSZ5233BT1G Datasheet HTML 3Page - ON Semiconductor MMSZ5233BT1G Datasheet HTML 4Page - ON Semiconductor MMSZ5233BT1G Datasheet HTML 5Page - ON Semiconductor MMSZ5233BT1G Datasheet HTML 6Page - ON Semiconductor MMSZ5233BT1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MMSZ52xxxT1G Series, SZMMSZ52xxxT1G Series
www.onsemi.com
4
2% TOLERANCE FG ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA)
Device*
Device
Marking
Zener Voltage (Notes 6 and 7)
Zener Impedance (Note 8)
Leakage Cur-
rent
VZ (Volts)
@ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Min
Nom
Max
mA
W
W
mA
mA
Volts
MMSZ5226CT1G
TD
3.234
3.3
3.366
20
28
1600
0.25
25
1
MMSZ5231CT1G
TG
4.998
5.1
5.202
20
17
1600
0.25
5
2
MMSZ5232CT1G
TH
5.488
5.6
5.712
20
11
1600
0.25
5
3
MMSZ5245CT1G
TK
14.70
15
15.30
8.5
16
600
0.25
0.1
11
MMSZ5248CT1G
TL
17.64
18
18.36
7.0
21
600
0.25
0.1
14
MMSZ5250CT1G
TN
19.60
20
20.40
6.2
25
600
0.25
0.1
15
MMSZ5252CT1G
TQ
23.52
24
24.48
5.2
33
600
0.25
0.1
18
MMSZ5256CT1G
TW
29.40
30
30.60
4.2
49
600
0.25
0.1
23
MMSZ5258CT1G
TX
35.28
36
36.72
3.4
70
700
0.25
0.1
27
6. “C” Suffix Type numbers shown have a standard tolerance of
±2% on the nominal Zener voltages.
7. Nominal Zener voltage is measured with the device junction in thermal equilibrium at TL = 30°C ±1°C.
8. ZZT and ZZK are measured by dividing the AC voltage drop across the device by the ac current applied.
The specified limits are for IZ(AC) = 0.1 IZ(dc) with the AC frequency = 1 kHz.
*Includes SZ-prefix devices where applicable.


Similar Part No. - MMSZ5233BT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ5233BT1G ONSEMI-MMSZ5233BT1G Datasheet
75Kb / 6P
   Zener Voltage Regulators
January, 2005 ??Rev. 5
MMSZ5233BT1G ONSEMI-MMSZ5233BT1G Datasheet
76Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 7
MMSZ5233BT1G ONSEMI-MMSZ5233BT1G Datasheet
130Kb / 7P
   Zener Voltage Regulators
February, 2012 ??Rev. 11
MMSZ5233BT1G ONSEMI-MMSZ5233BT1G Datasheet
130Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
October, 2012 ??Rev. 12
More results

Similar Description - MMSZ5233BT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com