Electronic Components Datasheet Search |
|
MAX4337EKA-T Datasheet(PDF) 3 Page - Maxim Integrated Products |
|
MAX4337EKA-T Datasheet(HTML) 3 Page - Maxim Integrated Products |
3 / 17 page SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute _______________________________________________________________________________________ 3 DC ELECTRICAL CHARACTERISTICS (continued) (VCC = 2.7V, GND = 0, VCM = 0, VOUT = VCC/2, RL = ∞ to VCC/2, VSHDN = VCC, TA = +25°C, unless otherwise noted.) DC ELECTRICAL CHARACTERISTICS (VCC = 2.7V, GND = 0, VCM = 0, VOUT = VCC/2, RL = ∞ to VCC/2, VSHDN = VCC, TA = -40°C to +85°C, unless otherwise noted.) (Note 1) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS VCC - VOH 270 500 VCC = 2.7V; ISOURCE, ISINK = 50mA VOL 360 500 VCC - VOH 270 500 Output Drive IOUT VCC = 5V; ISOURCE, ISINK = 50mA VOL 360 500 mV Short-Circuit Current ISC 110 mA VIH Normal mode 0.7 x VCC SHDN Logic Levels VIL Shutdown mode 0.3 x VCC V SHDN Leakage Current IIL VCC = 5V, GND < VSHDN < VCC 0.5 µA Output Leakage Current in Shutdown IOUT(SHDN) VCC = 5V, VSHDN = 0, VOUT = 0, VCC 0.01 0.5 µA Shutdown Supply Current (Per Amplifier) ICC(SHDN) SHDN = GND; VCC = 5V <0.04 0.5 µA PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Operating Supply Voltage Range VCC Inferred from PSRR test 2.7 5.5 V Quiescent Supply Current (Per Amplifier) ICC VCC = 5.5V 2.25 mA Input Offset Voltage VOS VCM = GND to VCC ±6 mV Input Bias Current IB VCM = GND to VCC ±600 nA Input Offset Current IOS VCM = GND to VCC ±60 nA Input Common-Mode Voltage Range VCM Inferred from CMRR test GND VCC V Common-Mode Rejection Ratio CMRR VCM = GND to VCC 50 dB Power-Supply Rejection Ratio PSRR VCC = 2.7V to 5.5V 64 dB VCC = 5V: RL = 100 Ω, VOUT = 0.6V to 4.4V 66 Large-Signal Voltage Gain AVOL VCC = 2.7V: RL = 32 Ω, VOUT = 0.6V to 2.1V 56 dB |
Similar Part No. - MAX4337EKA-T |
|
Similar Description - MAX4337EKA-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |