Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-2800 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # 5082-2800
Description  Pico Second Switching Speed
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

5082-2800 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  5082-2800 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED 5082-2800 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED 5082-2800 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED 5082-2800 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 5082-2800 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 5082-2800 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 5082-2800 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
RFD Reel Dimensions for T25/T50
Figure 13.
Tape Dimensions and Product Orientation
200 mil
24mm
24mm
6 mm
6 mm
4.3mm
64.3 mm
200 mil
24mm
24mm
6 mm
6 mm
4.3mm
64.3 mm
70mm
300mm
75mm
17mm
Side view
Front view
Figure 14.


Similar Part No. - 5082-2800

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-2800 HP-5082-2800 Datasheet
56Kb / 6P
   Schottky Barrier Diodes for General Purpose Applications
logo
Advanced Semiconductor
5082-2800 ASI-5082-2800 Datasheet
15Kb / 1P
   SCHOTTKY BARRIER DIODE
logo
New Jersey Semi-Conduct...
5082-2800 NJSEMI-5082-2800 Datasheet
119Kb / 1P
   Absolute Maximum Ratings
5082-2800 NJSEMI-5082-2800 Datasheet
124Kb / 1P
   Schottky Barrier Diodes for General Purpose Applications
More results

Similar Description - 5082-2800

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MBQ60T65PES MGCHIP-MBQ60T65PES Datasheet
590Kb / 8P
   High Speed Fieldstop Trench IGBT Second Generation
logo
List of Unclassifed Man...
LSD2 ETC2-LSD2 Datasheet
78Kb / 2P
   MICRO-SECOND FLASH TUBE FOR HIGH-SPEED PHOTOGRAPHY
logo
BOWIN ELECTRONIC CO.
LS6109 BOWIN-LS6109 Datasheet
99Kb / 9P
   Scroll Second Watch
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HY ROHM-BAW56HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN222ZM ROHM-DAN222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP202FM ROHM-DAP202FM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAV99FMFH ROHM-BAV99FMFH Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com