Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6326-22D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MAX6326-22D
Description  3-pin ultra-low power SC70/SOT microprocessor reset circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MAX6326-22D Datasheet(HTML) 4 Page - NXP Semiconductors

  MAX6326-22D Datasheet HTML 1Page - NXP Semiconductors MAX6326-22D Datasheet HTML 2Page - NXP Semiconductors MAX6326-22D Datasheet HTML 3Page - NXP Semiconductors MAX6326-22D Datasheet HTML 4Page - NXP Semiconductors MAX6326-22D Datasheet HTML 5Page - NXP Semiconductors MAX6326-22D Datasheet HTML 6Page - NXP Semiconductors MAX6326-22D Datasheet HTML 7Page - NXP Semiconductors MAX6326-22D Datasheet HTML 8Page - NXP Semiconductors MAX6326-22D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product data
MAX632x/MAX634x
3-pin ultra-low power SC70/SOT
microprocessor reset circuit
2003 Aug 05
4
PINNING
SL01839
1
3
2
VDD
RESET
or RESET
GND
MAX632x/
MAX634x
Figure 2. Pin configuration.
MAX6326/MAX6346, MAX6328/MAX6348 pin
description
PIN
SYMBOL
DESCRIPTION
1
GND
Device ground
2
RESET
Active-LOW Reset Output. RESET remains
LOW while VDD is below the reset threshold
and for a reset delay time of at least 100 ms
after VDD rises above the reset threshold.
MAX6328/MAX6348 have open-drain output
and the MAX6326/MAX6346 are Push-Pull
output.
3
VDD
Positive supply voltage
MAX6327/MAX6347 pin description
PIN
SYMBOL
DESCRIPTION
1
GND
Device ground
2
RESET
Active-HIGH Reset Output. RESET remains
high while VDD is below the reset threshold
and remains HIGH for at least 100 ms after
VDD rises above the reset threshold.
3
VDD
Positive supply voltage
MAXIMUM RATINGS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
Supply voltage
–0.3
6.0
V
Vi(RESET)
Input voltage at RESET pin
(MAX6326/MAX6346,
MAX6328/MAX6348)
–0.3
6.0
V
Ii(VDD)
Input current at VDD pin
20
mA
Io
Output current (RESET pin)
20
mA
P
Power dissipation
3-pin SOT23 (derate 4 mW/
°C above Tamb = 70 °C)
320
mW
3-pin SC70 (derate 2.7 mW/
°C above Tamb = 70 °C)
174
Topr
Operating temperature
–40
+85
°C
Tstg
Storage temperature
–65
+150
°C


Similar Part No. - MAX6326-22D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6326-T MAXIM-MAX6326-T Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
More results

Similar Description - MAX6326-22D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
logo
EM Microelectronic - MA...
V6340 EMMICRO-V6340 Datasheet
1Mb / 8P
   Ultra Low Cost 3-Pin Microprocessor Reset
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
APX803S DIODES-APX803S Datasheet
356Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUIT
January 2017
logo
EM Microelectronic - MA...
V6309 EMMICRO-V6309 Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A Datasheet
234Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
AZ809A BCDSEMI-AZ809A_10 Datasheet
742Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
logo
Diodes Incorporated
APX803 DIODES-APX803 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 1 ??2
logo
Maxim Integrated Produc...
MAX6711SEXS-T MAXIM-MAX6711SEXS-T Datasheet
285Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits
Rev 1; 12/05
MAX6711L MAXIM-MAX6711L Datasheet
145Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com