Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC44BC375 Datasheet(PDF) 11 Page - Motorola, Inc

Part # MC44BC375
Description  PLL Tuned VHF Audio/ Video High Integration Modulator ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44BC375 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MC44BC375 Datasheet HTML 7Page - Motorola, Inc MC44BC375 Datasheet HTML 8Page - Motorola, Inc MC44BC375 Datasheet HTML 9Page - Motorola, Inc MC44BC375 Datasheet HTML 10Page - Motorola, Inc MC44BC375 Datasheet HTML 11Page - Motorola, Inc MC44BC375 Datasheet HTML 12Page - Motorola, Inc MC44BC375 Datasheet HTML 13Page - Motorola, Inc MC44BC375 Datasheet HTML 14Page - Motorola, Inc MC44BC375 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Modulator Functionality
MOTOROLA
MC44BC375/U/J/T Technical Data
11
12 Modulator Functionality
12.1 Power Supply
The two device Vccs (pins 11 and 14) must be applied at the same time to ensure all internal blocks are
correctly biased. All other pins must not be biased before Vcc is applied to device.
Video Black Level
Audio signal: 1Khz, 205mVrms.
This is measured using a Rohde &
Schwarz AMFS Demodulator in B/G and
a HP8903A Audio Analyzer at 1kHz
The audio signal 205mV at 1kHz is supplied by the Audio Analyzer, and
the FM demodulated signal deviation is indicated on the Demodulator in
Khz peak.
This value is then converted in% of FM deviation, based on specified
standards.
Audio Frequency response
Video Black Level
Audio signal: 50Hz to 15KHz, 100mVrms
This is measured using a Rohde &
Schwarz AMFS Demodulator in B/G and
a HP8903A.
The audio signal 1KHz 100mVrms is supplied by the Audio Analyzer,
demodulated by the Demodulator and the audio analyzer measures the
AC amplitude of this demodulated audio signal: this value is taken as a
reference (0dB).
The audio signal is then swept from 50Hz to 15KHz, and demodulated
AC amplitude is measured in dB relative to the 1KHz reference.
Audio pre-emphasis and de-emphasis circuits are engaged, all audio
analyzer filters are switched OFF.
Audio Distortion FM
Audio: 1Khz, adjustable level
Video Black Level
This is measured using a Rohde &
Schwarz AMFS UHF Demodulator in B/G
and a HP8903A Audio Analyzer at 1kHz.
The output level of the Audio analyzer is
varied to obtain a deviation of 50kHz
indicated on the Demodulator.
The input rms detector of the Audio Analyzer converts the ac level of the
combined signal + noise + distortion to dc. It then removes the
fundamental signal (1kHz) after having measured the frequency. The
output rms detector converts the residual noise + distortion to dc. The dc
voltmeter measures both dc signals and calculates the ratio in% of the
two signals.
AudioSignal toNoise
Audio: 1Khz, adjustable level
Video: EBU Color Bars
This is measured using a Rohde &
Schwarz AMFS Demodulator in B/G and
a HP8903A Audio Analyzer at 1kHz. The
output level of the Audio analyzer is
varied to obtain a Modulation Deviation
of 25kHz indicated on the AMFS
Demodulator.
The Audio Analyzer alternately turns ON and OFF it's internal audio
source to make a measure of the Audio signal plus noise and then
another measure of only the noise.
The measurement is made using the internal CCIR468-2 Filter of the
Audio Analyzer together with the internal 30+/-2kHz (60dB/decade)
Lowpass filters.
The AMFS demodulator uses a quasi-parallel demodulation as is the
case in a normal TV set. In this mode the Nyquist filter is bypassed and
the video carrier is used without added delay to effectuate intercarrier
conversion. In this mode the phase noise information fully cancels out
and the true S/N can be measured
Device and Signals Set-up
Measurement Set-up
ADist
Distorsion
Noise
+
() Distorsion Noise Signal
++
()
=
ASN dB
()
20
Signal
Noise
+
() Noise
()
log
×
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC44BC375

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC44BC375 FREESCALE-MC44BC375 Datasheet
558Kb / 20P
   PLL Tuned VHF Audio/Video High Integration Modulator ICs
logo
NXP Semiconductors
MC44BC375 NXP-MC44BC375 Datasheet
626Kb / 20P
   MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
Rev. 2.6 01/2003
logo
Freescale Semiconductor...
MC44BC375J FREESCALE-MC44BC375J Datasheet
558Kb / 20P
   PLL Tuned VHF Audio/Video High Integration Modulator ICs
logo
NXP Semiconductors
MC44BC375J NXP-MC44BC375J Datasheet
626Kb / 20P
   MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
Rev. 2.6 01/2003
logo
Freescale Semiconductor...
MC44BC375JD FREESCALE-MC44BC375JD Datasheet
558Kb / 20P
   PLL Tuned VHF Audio/Video High Integration Modulator ICs
More results

Similar Description - MC44BC375

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC44BC375 FREESCALE-MC44BC375 Datasheet
558Kb / 20P
   PLL Tuned VHF Audio/Video High Integration Modulator ICs
MC44BS373CA FREESCALE-MC44BS373CA Datasheet
880Kb / 52P
   PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
logo
Motorola, Inc
MC44BS373CA MOTOROLA-MC44BS373CA Datasheet
637Kb / 52P
   PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
logo
Freescale Semiconductor...
MC44BC373C FREESCALE-MC44BC373C Datasheet
1Mb / 30P
   PLL Tuned UHF and VHF Audio/Video High Integration Modulator
logo
NXP Semiconductors
MC44BC375 NXP-MC44BC375 Datasheet
626Kb / 20P
   MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
Rev. 2.6 01/2003
logo
Freescale Semiconductor...
MC44BS374T1 FREESCALE-MC44BS374T1 Datasheet
1Mb / 34P
   PLL Tuned UHF and VHF Audio/Video High Integration Modulator
MC44BC375UA FREESCALE-MC44BC375UA Datasheet
3Mb / 26P
   PLL Tuned VHF Audio/Video High Integration IC
MC44BC374T1 FREESCALE-MC44BC374T1 Datasheet
659Kb / 26P
   PLL Tuned PAL/NTSC UHF and VHF Audio/Video High Integration Modulator IC
MC44CC375AV FREESCALE-MC44CC375AV Datasheet
313Kb / 16P
   PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
MC44BC375U FREESCALE-MC44BC375U Datasheet
617Kb / 16P
   PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com