Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF45A Datasheet(PDF) 5 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMF45A
Description  SURFACE MOUNT ESD PROTECTION DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMF45A Datasheet(HTML) 5 Page - Galaxy Semi-Conductor Holdings Limited

  SMF45A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMF45A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMF45A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMF45A Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMF45A Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Production specification
SURFACE MOUNT ESD
PROTECTION DIODES
SMF5V0A--SMF170A
Document Number: SOD601AA
www.gmicroelec.com
1


Similar Part No. - SMF45A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMF45A VISHAY-SMF45A Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 2.5, 22-Sep-10
logo
UN Semiconducctor INC
SMF45A UNSEMI-SMF45A Datasheet
3Mb / 7P
   3.3 To 190V 200W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Nanjing International G...
SMF45A DGNJDZ-SMF45A Datasheet
384Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
SMF45A VISHAY-SMF45A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
logo
Shenzhen Luguang Electr...
SMF45A LUGUANG-SMF45A Datasheet
1Mb / 3P
   Transient Voltage Suppressors
More results

Similar Description - SMF45A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMF100A LUGUANG-SMF100A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF110A LUGUANG-SMF110A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF170A LUGUANG-SMF170A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF130A LUGUANG-SMF130A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Galaxy Semi-Conductor H...
SMF5V0A BILIN-SMF5V0A Datasheet
119Kb / 3P
   SURFACE MOUNT ESD PROTECTION DIODES
logo
Vishay Siliconix
SMF5V0A-M VISHAY-SMF5V0A-M_12 Datasheet
111Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 30-Nov-11
logo
Shenzhen Luguang Electr...
SMF85A LUGUANG-SMF85A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF5V0A LUGUANG-SMF5V0A Datasheet
168Kb / 3P
   Surface Mount ESD Protection Diodes
SMF90A LUGUANG-SMF90A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Vishay Siliconix
SMF22A-GS08 VISHAY-SMF22A-GS08 Datasheet
137Kb / 8P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 17-Oct-13
SMF36A-GS08 VISHAY-SMF36A-GS08 Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com