Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-W480 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-W480
Description  Available in Stretched SO-6 package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-W480 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-W480 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-W480 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-W480 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-W480 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-W480 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-W480 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-W480 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-W480 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-W480 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ACPL-P480 and ACPL-W480
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
Data Sheet
Features
• Performance Specified for Common IPM Applications
Over Industrial Temperature Range.
• Short Maximum Propagation Delays
• Minimized Pulse Width Distortion (PWD)
• Very High Common Mode Rejection (CMR)
• Hysteresis
• Totem Pole Output (No Pull-up Resistor Required)
• Available in Stretched SO-6 package.
• Safety Approval:
UL Recognized with 3750 Vrms for 1 minute (5000
Vrms for 1 minute for all ACPL-W480 devices and
Option 020 device for ACPL-P480) per UL1577.
CSA Approved.
IEC/EN/DIN EN 60747-5-5 Approved:
VIORM = 891 Vpeak for ACPL-P480, and VIORM = 1140
Vpeak for ACPL-W480.
Specifications
• Wide operating temperature range: –40°C to 100°C.
• Maximum propagation delay tPHL / tPLH = 350 ns
• Maximum Pulse Width Distortion (PWD) = 250 ns.
• Propagation Delay Difference: Min. –100 ns, Max. 250 ns
• Wide Operating VCC Range: 4.5 to 20 Volts
• 20 kV/µs minimum common mode rejection (CMR) at
VCM = 1000 V.
Applications
• IPM Interface Isolation
• Isolated IGBT/MOSFET Gate Drive
• AC and Brushless DC Motor Drives
• Industrial Inverters
• General Digital Isolation
Note: A 0.1 µF bypass capacitor must be connected between pins 4 and 6.
Truth Table (Positive Logic)
LED
VO
ON
HIGH
OFF
LOW
Description
The ACPL-P480 and ACPL-W480 fast speed optocou-
plers contain a GaAsP LED and photo detector with
built-in Schmitt trigger to provide logic-compatible
waveforms, eliminating the need for additional wave
shaping. The totem pole output eliminates the need for
a pull up resistor and allows for direct drive Intelligent
Power Module or gate drive. Minimized propagation
delay difference between devices make these optocou-
plers excellent solutions for improving inverter efficiency
through reduced switching dead time.
Functional Diagrams
ACPL-P480
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Ground
V
CC
6
1
5
2
4
3
ANODE
N.C.
CATHODE
V
O
SHIELD
6
5
4
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
Ground
V
CC
6
1
5
2
4
3
ANODE
N.C.
CATHODE
V
O
SHIELD
6
5
4
ACPL-W480


Similar Part No. - ACPL-W480

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-W480 BOARDCOM-ACPL-W480 Datasheet
641Kb / 11P
   High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
More results

Similar Description - ACPL-W480

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACNT-H79A BOARDCOM-ACNT-H79A Datasheet
979Kb / 15P
   Optical Isolation Amplifier in 15 mm Stretched SO-8 Package
ACNT-H79B BOARDCOM-ACNT-H79B Datasheet
979Kb / 16P
   Optical Isolation Amplifier in 15 mm Stretched SO-8 Package
ACNT-H87B BOARDCOM-ACNT-H87B Datasheet
1Mb / 15P
   Precision Optically Isolated Voltage Sensor in a 15-mm Stretched SO-8 Package
ACNT-H50L BOARDCOM-ACNT-H50L Datasheet
644Kb / 11P
   1-MBd Optocoupler in 15-mm Stretched SO8 Package
ACNT-H511 BOARDCOM-ACNT-H511 Datasheet
967Kb / 10P
   Open-Collector Output Optocoupler in 15-mm Stretched SO8 Package
logo
Skyworks Solutions Inc.
AAT4686 SKYWORKS-AAT4686 Datasheet
590Kb / 13P
   available in sc70jw-8 package
AAT4684 SKYWORKS-AAT4684 Datasheet
708Kb / 14P
   available in tsopjw-12 package
logo
Xilinx, Inc
DS310 XILINX-DS310 Datasheet
315Kb / 14P
   Available in multiple package options
logo
Advanced Crystal Techno...
ACT_UM5_SMD_GULL_WING ACT-ACT_UM5_SMD_GULL_WING Datasheet
305Kb / 2P
   available in industry standard package & specifications
29/06/11
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M62L AVAGO-ACPL-M62L Datasheet
204Kb / 9P
   SO-5 package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com