Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ5945B Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMBJ5945B
Description  Surface mount zener diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMBJ5945B Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SMBJ5945B Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMBJ5945B Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMBJ5945B Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMBJ5945B Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMBJ5945B Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Production specification
Surface mount zener diode
SMBJ5913B--SMBJ5956B
Document Number : SMB501AA
www.gmicroelec.com
2
ELECTRICAL CHARACTERISTICS (T
A=25℃)
Part Number
Device
marking
code
Zener
voltage
Test
current
Dynamic
impedance
Knee
current
Knee
impedance
Reverse
current
Reverse
voltage
Max. DC
current
VZ
IZT
ZZT
IZK
ZZK
IR(Max.)
VR
IZM
V
m A
m A
μ A dc
V
m A
SMBJ5913B
913B
3.3
113.6
10.0
1.0
500
100
1.0
454
SMBJ5914B
914B
3.6
104.2
9.0
1.0
500
75
1.0
416
SMBJ5915B
915B
3.9
96.1
7.5
1.0
500
25
1.0
384
SMBJ5916B
916B
4.3
87.2
6.0
1.0
500
5.0
1.0
348
SMBJ5917B
917B
4.7
79.8
5.0
1.0
500
5.0
1.5
319
SMBJ5918B
918B
5.1
73.5
4.0
1.0
350
5.0
2.0
294
SMBJ5919B
919B
5.6
66.9
2.0
1.0
250
5.0
3.0
267
SMBJ5920B
920B
6.2
60.5
2.0
1.0
200
5.0
4.0
241
SMBJ5921B
921B
6.8
55.1
2.5
1.0
200
5.0
5.2
220
SMBJ5922B
922B
7.5
50.0
3.0
0.5
400
5.0
6.0
200
SMBJ5923B
923B
8.2
45.7
3.5
0.5
400
5.0
6.5
182
SMBJ5924B
924B
9.1
41.2
4.0
0.5
500
5.0
7.0
164
SMBJ5925B
925B
10
37.5
4.5
0.25
500
5.0
8.0
150
SMBJ5926B
926B
11
34.1
5.5
0.25
550
1.0
8.4
136
SMBJ5927B
927B
12
31.2
6.5
0.25
550
1.0
9.1
125
SMBJ5928B
928B
13
28.8
7.0
0.25
550
1.0
9.9
115
SMBJ5929B
929B
15
25.0
9.0
0.25
600
1.0
11.4
100
SMBJ5930B
930B
16
23.4
10
0.25
600
1.0
12.2
93
SMBJ5931B
931B
18
20.8
12
0.25
650
1.0
13.7
83
SMBJ5932B
932B
20
18.7
14
0.25
650
1.0
15.2
75
SMBJ5933B
933B
22
17.0
17.5
0.25
650
1.0
16.7
68
SMBJ5934B
934B
24
15.6
19
0.25
700
1.0
18.2
62
SMBJ5935B
935B
27
13.9
23
0.25
700
1.0
20.6
55
SMBJ5936B
936B
30
12.5
28
0.25
750
1.0
22.8
50
SMBJ5937B
937B
33
11.4
33
0.25
800
1.0
25.1
45
SMBJ5938B
938B
36
10.4
38
0.25
850
1.0
27.4
41
SMBJ5939B
939B
39
9.6
45
0.25
900
1.0
29.7
38
SMBJ5940B
940B
43
8.7
53
0.25
950
1.0
32.7
34
SMBJ5941B
941B
47
8.0
67
0.25
1000
1.0
35.8
31
SMBJ5942B
942B
51
7.3
70
0.25
1100
1.0
38.8
29
SMBJ5943B
943B
56
6.7
86
0.25
130
1.0
42.6
26
SMBJ5944B
944B
62
6.0
100
0.25
1500
1.0
47.1
24
SMBJ5945B
945B
68
5.5
120
0.25
1700
1.0
51.2
22


Similar Part No. - SMBJ5945B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ5945B JGD-SMBJ5945B Datasheet
184Kb / 2P
   1.5W SILICON SURFACE MOUNT ZENER DIODES
logo
Shenzhen Luguang Electr...
SMBJ5945B LUGUANG-SMBJ5945B Datasheet
156Kb / 2P
   Zener Diodes
logo
Micro Commercial Compon...
SMBJ5945B MCC-SMBJ5945B Datasheet
348Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
SMBJ5945BHE3 MCC-SMBJ5945BHE3 Datasheet
384Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
More results

Similar Description - SMBJ5945B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com