Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-5060 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-5060
Description  Self-adjusting frame rate for optimum performance
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-5060 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-5060 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-5060 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-5060 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-5060 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-5060 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-5060 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-5060 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADNS-5060 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ADNS-5060 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
7
PCB Assembly Considerations
1. Insert the sensor and all other electrical components
into PCB.
2. Insert the LED into the assembly clip and bend the
leads 90 degrees.
3. Insert the LED clip assembly into PCB.
4. Wave solder the entire assembly in a no-wash solder
process utilizing solder fixture. The solder fixture is
needed to protect the sensor during the solder process.
It also sets the correct sensor-to-PCB distance as the
lead shoulders do not normally rest on the PCB surface.
The fixture should be designed to expose the sensor
leads to solder while shielding the optical aperture
from direct solder contact.
5. Place the lens onto the base plate.
6. Remove the protective kapton tape from optical
aperture of the sensor. Care must be taken to keep
contaminants from entering the aperture. Recommend
not to place the PCB facing up during the entire mouse
assembly process. Recommend to hold the PCB first
vertically for the kapton removal process.
7. Insert PCB assembly over the lens onto the base plate
aligning post to retain PCB assembly. The sensor
aperture ring should self-align to the lens.
8. The optical position reference for the PCB is set by the
base plate and lens. Note that the PCB motion due to
button presses must be minimized to maintain optical
alignment.
9. Install mouse top case.There MUST be a feature in the top
case to press down onto the PCB assembly to ensure all
components are interlocked to correct vertical height.
Figure 6. Block diagram of ADNS-5060 optical mouse sensor
SCLK
SDIO
SERIAL
PORT
SERIAL
PORT
IMAGE
PROCESSOR
LED
CONTROL
LED _CNTL
REFA
VDD5
GND
VOLTAGE
REFERENCE
5 VOLT
POWER
Design considerations for improved ESD Performance
For improved electrostatic discharge performance, typical
system creepage and clearance distance are shown in the
table below.
Assumption: Base plate construction as per the Avago
Technologies supplied IGES file and HDNS-2100/2100#001
lens.
Typical Distance
HDNS-2100
round lens
HDNS-2100#001
trim lens
Creepage (mm)
40.5
17.9
Clearance (mm)
32.6
9.2
Note that the lens material is polycarbonate and therefore, cyanoacrylate
based adhesives or other adhesives that may damage the lens should
NOT be used.


Similar Part No. - ADNS-5060

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5000 AVAGO-ADNS-5000 Datasheet
298Kb / 34P
   Optical Mouse Sensor
ADNS-5000 AVAGO-ADNS-5000 Datasheet
63Kb / 1P
   Solid-State Optical Mouse Sensor
logo
Broadcom Corporation.
ADNS-5000 BOARDCOM-ADNS-5000 Datasheet
63Kb / 1P
   Solid-State Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
108Kb / 1P
   Optical Mouse Sensor
More results

Similar Description - ADNS-5060

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
TOL-14872 SPARKFUN-TOL-14872 Datasheet
877Kb / 2P
   Self-Adjusting Wire Strippers
9??7??8
logo
List of Unclassifed Man...
VBEHA ETC2-VBEHA Datasheet
128Kb / 1P
   Self-Adjusting EM Brake
VCEHA ETC2-VCEHA Datasheet
302Kb / 1P
   Self-Adjusting EM Clutch
CT ETC-CT Datasheet
85Kb / 1P
   Self-Adjusting EM Clutch
VSAU ETC2-VSAU Datasheet
73Kb / 1P
   Self-Adjusting EM Clutch/Brake Unit
logo
TE Connectivity Ltd
CAT-ATS0004 TEC-CAT-ATS0004 Datasheet
97Kb / 1P
   BRAKE LIGHT SENSOR (self-adjusting features)
logo
IET Labs Inc.
PRS-370 IET-PRS-370 Datasheet
580Kb / 4P
   Self-Adjusting Programmable Resistance Decade Substituter
March 2020
logo
Laird Tech Smart Techno...
CANMSNM LSTD-CANMSNM Datasheet
284Kb / 1P
   Excellent PIM rating for optimum system performance
logo
STMicroelectronics
AN2551 STMICROELECTRONICS-AN2551 Datasheet
77Kb / 8P
   Configuring the STR91xFA MCU for optimum CPU performance
logo
Integrated Circuit Syst...
MK1574 ICST-MK1574 Datasheet
83Kb / 6P
   Frame Rate Communications PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com