Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-5070 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-5070
Description  Built-in LED driver for simpler circuitry
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-5070 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-5070 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-5070 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-5070 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADNS-5070 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ADNS-5070 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ADNS-5070 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ADNS-5070 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ADNS-5070 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ADNS-5070 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
11
Recommended Operating Conditions
Parameter
Symbol
Minimum Typical
Maximum Units
Notes
Operating Temperature
TA
0
40
°C
Power supply voltage
VDD
4.10
5.0
5.5
Volts
Register values retained for voltage
transients below 4.10V but greater
than 3.9V.
Power supply rise time
VRT
100
ms
Supply noise
VN
100
mV
Peak to peak within 0-50 MHz bandwidth
Serial Port Clock
Frequency
fSCLK
3
MHz
550% duty cycle.
Resonator Impedance
XRES
55
Distance from lens
reference plane to surface
Z
2.3
2.4
2.5
mm
Results in ±0.1 mm DOF, (See Figure 8)
Speed
S
30
in/sec
Acceleration
A
8
g
Light level onto IC
IRRINC
80
100
25,000
30,000
mW/m2
λ = 639 nm
λ = 875 nm
SDIO read hold time
tHOLD
100
ns
Hold time for valid data (Refer to Figure 20)
SDIO serial write-write
time
tSWW
100
us
Time between two write commands.
(Refer to Figure 22)
SDIO serial write-read
time
tSWR
100
us
Time between write and read operation.
(Refer to Figure 23)
SDIO serial read-write
time
tSRW
250
ns
Time between read and write operation.
(Refer to Figure 24)
SDIO serial read-read
time
tSRR
250
ns
Time between two read commands.
(Refer to Figure 24)
SPI Read Address-Data
Delay
tSRAD
4
us
From rising SCLK for last bit of the address
byte, to falling SCLK for first bit of data
being read. (Refer to Figure 24)
Data delay after PD
deactivated
tCOMPUTE 3.1
ms
After tCOMPUTE, all registers contain data
from first image after wakeup from
Power-Down mode. Note that an additional
75 frames for AGC stabilization may be
required if mouse movement occurred
while Power Down. (refer to Figure 9)
SDIO write setup time
tsetup
60
ns
Data valid time before the rising of SCLK.
(refer to Figure 17)


Similar Part No. - ADNS-5070

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5000 AVAGO-ADNS-5000 Datasheet
298Kb / 34P
   Optical Mouse Sensor
ADNS-5000 AVAGO-ADNS-5000 Datasheet
63Kb / 1P
   Solid-State Optical Mouse Sensor
logo
Broadcom Corporation.
ADNS-5000 BOARDCOM-ADNS-5000 Datasheet
63Kb / 1P
   Solid-State Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
108Kb / 1P
   Optical Mouse Sensor
More results

Similar Description - ADNS-5070

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77597 SKYWORKS-SKY77597_11 Datasheet
99Kb / 2P
   Power control circuitry built-in for improved TRP variation
logo
Nippon Precision Circui...
CF1156 NPC-CF1156 Datasheet
83Kb / 7P
   CMOS melody LSIs with built-in LED driver
logo
Panasonic Semiconductor
AN12974A PANASONIC-AN12974A Datasheet
1Mb / 32P
   Stereo power amplifier with built-in AGC circuitry and SPATIALIZER
logo
Rohm
BD82A16MUF-M ROHM-BD82A16MUF-M Datasheet
1Mb / 47P
   6ch White LED Driver Built-in Current Driver BuckBoost DC/DC Converter for Automotive
05.Jul.2022 Rev.001
BD82A26MUF-M ROHM-BD82A26MUF-M Datasheet
1Mb / 48P
   6ch White LED Driver Built-in Current Driver Boost DC/DC Converter for Automotive
15.Mar.2022 Rev.003
BD7851FP ROHM-BD7851FP Datasheet
569Kb / 3P
   LED driver IC with built-in 16bit shift register
BD18351EFV-M ROHM-BD18351EFV-M Datasheet
3Mb / 48P
   LED Driver with Built-in PWM Signal Generation Circuit
logo
IK Semicon Co., Ltd
IK2312 IKSEMICON-IK2312 Datasheet
690Kb / 8P
   HIGH-VOLTAGE LED DRIVER WITH BUILT-IN MOSFET SWITCH
logo
Rohm
BD8325FVT-M ROHM-BD8325FVT-M Datasheet
1Mb / 34P
   Built-in Secondary-side Driver
logo
promoco-motors.com
57BID01-24 PROMOCO-57BID01-24 Datasheet
327Kb / 1P
   24 VDC Built-In Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com