Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF100A Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMF100A
Description  SURFACE MOUNT ESD PROTECTION DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMF100A Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SMF100A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMF100A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMF100A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMF100A Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMF100A Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Production specification
SURFACE MOUNT ESD
PROTECTION DIODES
SMF5V0A--SMF170A
Document Number: SOD601AA
www.gmicroelec.com
1
FEATURES
For surface mounted applications
Low profile package
Low incremental surge resistance, excellent clamping capability
200W peak pulse power capability with a
10/1000μs wave from, repetition rate (duty cycle):0.01%
High temperature soldering guaranteed: 260℃/10 seconds, at terminals
MECHANICAL DATA
Case: JEDEC SOD-123FL,molded plastic
Polarity: Color band denotes positive end ( cathode ) except for bidirectional
Marking code: see TABLE 1
Weight:0.006 ounces, 0.02 gram
Mounting position: Any
ABSOLUTE MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified
SYMBOL
VALUE
UNITS
Non-repetitive peak pulse power dissipation
with a 10/1000μs waveform (NOTE 1)
PPPM
200
W
Peak pulse current 10/1000 μs wave from (NOTE 1)
IPPM
See
Table1
A
Forward voltage @ IF=12A
VF
3.5
V
Thermal resistance junction to ambient
R θ J A
180
K/W
Operating temperature junction range
TJ
- 55--- +150
Storage temperature range
TSTG
- 55--- +150
NOTE:(1)Non-repetitive current pulse and derated above TA=25℃
Pb
Lead-free


Similar Part No. - SMF100A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF100A ONSEMI-SMF100A Datasheet
69Kb / 6P
   Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
August, 2005 ??Rev. 1
logo
Shenzhen Luguang Electr...
SMF100A LUGUANG-SMF100A Datasheet
1Mb / 3P
   Transient Voltage Suppressors
SMF100A LUGUANG-SMF100A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF100A LUGUANG-SMF100A Datasheet
1Mb / 3P
   Transient Voltage Suppressors
Revision:20220701-P1
logo
Nanjing International G...
SMF100A DGNJDZ-SMF100A Datasheet
384Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SMF100A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMF100A LUGUANG-SMF100A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF110A LUGUANG-SMF110A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF170A LUGUANG-SMF170A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF130A LUGUANG-SMF130A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Galaxy Semi-Conductor H...
SMF5V0A BILIN-SMF5V0A Datasheet
119Kb / 3P
   SURFACE MOUNT ESD PROTECTION DIODES
logo
Vishay Siliconix
SMF5V0A-M VISHAY-SMF5V0A-M_12 Datasheet
111Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 30-Nov-11
logo
Shenzhen Luguang Electr...
SMF85A LUGUANG-SMF85A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF5V0A LUGUANG-SMF5V0A Datasheet
168Kb / 3P
   Surface Mount ESD Protection Diodes
SMF90A LUGUANG-SMF90A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Vishay Siliconix
SMF22A-GS08 VISHAY-SMF22A-GS08 Datasheet
137Kb / 8P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 17-Oct-13
SMF36A-GS08 VISHAY-SMF36A-GS08 Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com