Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1705255117 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 1705255117
Description  Impact 85 Ohm Plus 3 Pair Vertical Backplane Header, Right Guide, Open Endwall
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1705255117 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  1705255117_17 Datasheet HTML 1Page - Molex Electronics Ltd. 1705255117_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
0.75A
Data Rate
25.0 Gbps
Impedance
85Ω
Shield Type
N/A
Shielded
No
Voltage - Maximum
30V AC (RMS)/DC
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Application Specification
AS-76060-990-001
Packaging Specification
PK-70873-758
Product Specification
PS-170540-999-001
Sales Drawing
SD-170525-0003
Symbol/Footprint Data
SYM-170525-5117
This document was generated on 03/10/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1705255117_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1705255107 MOLEX1-1705255107_17 Datasheet
46Kb / 2P
   Impact 85 Ohm Plus 3 Pair Vertical Backplane Header, Right Guide, Open Endwall
More results

Similar Description - 1705255117_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1705255607 MOLEX11-1705255607 Datasheet
44Kb / 2P
   Impact 85 Ohm Plus 3 Pair Vertical Backplane Header, Right Guide, Open Endwall
1705255807 MOLEX11-1705255807 Datasheet
39Kb / 2P
   Impact 85 Ohm Plus 3 Pair Vertical Backplane Header, Right Guide, Open Endwall
1705255107 MOLEX1-1705255107_17 Datasheet
46Kb / 2P
   Impact 85 Ohm Plus 3 Pair Vertical Backplane Header, Right Guide, Open Endwall
1705255817 MOLEX1-1705255817_17 Datasheet
39Kb / 2P
   Impact 85 Ohm Plus 3 Pair Vertical Backplane Header, Right Guide, Open Endwall
1705253607 MOLEX11-1705253607 Datasheet
47Kb / 2P
   Impact 85 Ohm Plus 3 Pair Vertical Backplane Header, Left Guide, Open Endwall
1705253605 MOLEX1-1705253605_17 Datasheet
47Kb / 2P
   Impact 85 Ohm Plus 3 Pair Vertical Backplane Header, Left Guide, Open Endwall
1705253807 MOLEX1-1705253807_17 Datasheet
43Kb / 2P
   Impact 85 Ohm Plus 3 Pair Vertical Backplane Header, Left Guide, Open Endwall
1704755107 MOLEX1-1704755107_17 Datasheet
38Kb / 2P
   Impact 85 Ohm Plus 5 Pair Vertical Backplane Header, Right Guide, Open Endwall
1704755207 MOLEX1-1704755207_17 Datasheet
38Kb / 2P
   Impact 85 Ohm Plus 5 Pair Vertical Backplane Header, Right Guide, Open Endwall
1705253107 MOLEX1-1705253107_17 Datasheet
38Kb / 2P
   Impact 85 Ohm Plus 3 Pair Vertical Backplane Header, Left Guide, Open Endwall
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com