Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEAT-84AD Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # AEAT-84AD
Description  Major component of Multi-turn housed encoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AEAT-84AD Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AEAT-84AD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AEAT-84AD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AEAT-84AD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AEAT-84AD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AEAT-84AD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AEAT-84AD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AEAT-84AD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AEAT-84AD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AEAT-84AD Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Absolute Maximum Ratings 1, 2
Parameter
Symbol
Limits
Units
DC Supply Voltage
VCC
-0.3 to +6.0
V
Input Voltage
Vi
-0.5 to 5.5
V
Output Voltage
Vo
-0.5 to +VCC +0.5
V
Moisture Level (Non-Condensing)
%RH
85
%
Encoder Shaft Speed
SRPM
Max 12000
rpm
Storage Temperature
Tstg
-40 to 125
°C
Notes:
1. Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not
implied.
2. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
3. This device meets the ESD ratings of the IEC61000-4-2 Level 2 (4 KV).
Recommended Operating Conditions
Description
Symbol
Values
Units
Notes
DC Supply Voltage
VCC
-0.5/+5.5
V
Ambient Temperature
Tamb
-40 to +125
°C
Multiplex Read Delay
tDMUXRD
64
s
Encoder Shaft Speed
SRPM
10000 or below
rpm
1
Note:
1. As unique coded gear-wheels techniques are implemented to generate unambigous positional information, the interactions between these
highly wear-resistant gear wheels are subjected to mechanical wear and tear.
DC Characteristics
DC Characteristics over Recommended Operating Range, typical at 25C
Parameter
Symbol
Condition
Values
Units
Min
Typ.
Max
MTDAT[2:0]
Output High Voltage (10 k Pull-up)
VOH
IOH = -50
A
4.0
V
MTDAT[2:0]
Output Low Voltage (4k7 Series-R)
VOL
IOL = -50
A
0.4
V
Input High Voltage
VIH
VCC = 5.0 V
VCC = 5.5 V
3.2
3.9
V
Input Low Voltage
VIL
0.8
V
MTMUX[2:0]
Input Current, VIN-VCC or 0 V
IIL /IIH
100 k Pull-down
-10
100
A
VCC Supply Current
ICC
68
76
mA


Similar Part No. - AEAT-84AD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AEAT-86AD AVAGO-AEAT-86AD Datasheet
676Kb / 8P
   Operating speeds up to 12,000 rpm
AEAT-86AD-LASC0 AVAGO-AEAT-86AD-LASC0 Datasheet
676Kb / 8P
   Operating speeds up to 12,000 rpm
AEAT-86AD-LASF0 AVAGO-AEAT-86AD-LASF0 Datasheet
676Kb / 8P
   Operating speeds up to 12,000 rpm
AEAT-86AD-LCSC0 AVAGO-AEAT-86AD-LCSC0 Datasheet
676Kb / 8P
   Operating speeds up to 12,000 rpm
AEAT-86AD-LCSF0 AVAGO-AEAT-86AD-LCSF0 Datasheet
676Kb / 8P
   Operating speeds up to 12,000 rpm
More results

Similar Description - AEAT-84AD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDR-54XX AVAGO-HEDR-54XX Datasheet
166Kb / 11P
   Mid-Sized Housed Encoder
HEDR-5420-ES214 AVAGO-HEDR-5420-ES214 Datasheet
166Kb / 11P
   Mid-Sized Housed Encoder
logo
Broadcom Corporation.
AS37-H39B BOARDCOM-AS37-H39B Datasheet
1Mb / 10P
   39-Bit Battery Backup Multi-Turn Absolute Encoder
AS38-H39E BOARDCOM-AS38-H39E Datasheet
1Mb / 8P
   39-Bit Energy-Harvesting Multi-Turn Absolute Encoder
logo
TT Electronics.
MODEL68 TTELEC-MODEL68 Datasheet
875Kb / 4P
   MULTI-TURN TRIMMER
MODEL43 TTELEC-MODEL43 Datasheet
617Kb / 3P
   MULTI-TURN TRIMMER
MODEL66 TTELEC-MODEL66 Datasheet
893Kb / 4P
   MULTI-TURN TRIMMER
MODEL84 TTELEC-MODEL84 Datasheet
813Kb / 3P
   MULTI-TURN TRIMMER
MODEL78 TTELEC-MODEL78 Datasheet
833Kb / 4P
   MULTI-TURN TRIMMER
MODEL64 TTELEC-MODEL64 Datasheet
806Kb / 4P
   MULTI-TURN TRIMMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com