Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEAT-86AD-LCSF0 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # AEAT-86AD-LCSF0
Description  Operating speeds up to 12,000 rpm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AEAT-86AD-LCSF0 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  AEAT-86AD-LCSF0 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AEAT-86AD-LCSF0 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AEAT-86AD-LCSF0 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AEAT-86AD-LCSF0 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AEAT-86AD-LCSF0 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AEAT-86AD-LCSF0 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AEAT-86AD-LCSF0 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AEAT-86AD-LCSF0 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Figure 4. Timing Characteristics of STROBE, SRCLK and DATA
DC Characteristics
DC Characteristics over Recommended Operating Range, typical at 5 °C
Notes:
1. Only applicable for STROBE output.
2. Only applicable for MSBINV input.
3. RS-422 differential line driver for DATA output.
4. RS-422 differential line receiver for SRCLK input.
Timing Characteristics
Timing Characteristics over Recommended Operating Range, typical at 5 °C
Notes:
1. Only applicable for MSBINV input.
2. SRCLK low-time = 0.50/fSRCLK; high-time = 0.50/fSRCLK.
3. Refer to Figure 4 for timing description.
4. Valid data on falling edges of SRCLK with STROBE is high.
Parameter
Symbol
Condition
Values
Units
Notes
Min
Typ.
Max
Output High Voltage
IOH
IOH = -8mA
2.4
V
1
Output Low Voltage
IOL
IOH = 8mA
0.4
V
1
Input High Voltage
VIH
2
V
2
Input Low Voltage
VIL
0.8
V
2
VCC Supply Current
ICC
110
mA
Values
Parameter
Symbol
Condition
Min
Typ.
Max
Units
Notes
Input Transition Rise/Fall Time
tR /tF
0.8V/2.0V
10
ns
1
SRCLK Frequency
fSRCLK
0.5
4
MHz
2
SRCLK Low-time
tLSRCLK
110
ns
SRCLK High-time
tHSRCLK
70
ns
Data Latch time
tLATCH
35
µs
3
Lapse time between words
tLT
40
µs
3, 4
SSI Frame Start
SSI Frame End
SRCLK +
DATA +
STROBE
MSB
MT
MSB-1
MT
LSB
MT
LSB+1
MT
MSB
ST
MSB-1
ST
LSB
ST
LSB+1
ST
n
MT bit Multiturn
n
ST bit Single turn
n
MT -1
n
MT
(n
MT +1)
t
LATCH
t
LT
(n
MT + nST)-1
(n
MT + nST)
1

3


Similar Part No. - AEAT-86AD-LCSF0

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AEAT-84AD AVAGO-AEAT-84AD Datasheet
393Kb / 10P
   Major component of Multi-turn housed encoder
logo
Broadcom Corporation.
AEAT-8800-Q24 BOARDCOM-AEAT-8800-Q24 Datasheet
1Mb / 21P
   10-Bit to16-Bit Programmable Angular Magnetic Encoder
AEAT-8811-Q24 BOARDCOM-AEAT-8811-Q24 Datasheet
1Mb / 26P
   Magnetic Encoder IC: 10-Bit to 16-Bit Programmable Angular Magnetic Encoder with No Offset Calibration
More results

Similar Description - AEAT-86AD-LCSF0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC-2CAKXXXM BEL-SC-2CAKXXXM Datasheet
790Kb / 2P
   USB 2.0 can deliver up to 480 Mbps transfer speeds
logo
TT Electronics.
HM72E-06 TTELEC-HM72E-06 Datasheet
192Kb / 2P
   Operating Frequency Up to 3MHz
logo
STMicroelectronics
STAC250V2-500E STMICROELECTRONICS-STAC250V2-500E Datasheet
455Kb / 13P
   Operating frequency up to 27 MHz
October 2015 Rev 5
logo
C&K Components
CCM01MK2 CK-COMPONENTS-CCM01MK2 Datasheet
122Kb / 2P
   Operating life up to 100,000 cycles
logo
New Jersey Semi-Conduct...
IRF220 NJSEMI-IRF220 Datasheet
135Kb / 3P
   Nanosecond Switching Speeds
logo
Inchange Semiconductor ...
BUZ32 ISC-BUZ32 Datasheet
66Kb / 2P
   Nanosecond Switching Speeds
IRF305 ISC-IRF305 Datasheet
48Kb / 2P
   Nanosecond Switching Speeds
IRF121 ISC-IRF121 Datasheet
48Kb / 2P
   Nanosecond Switching Speeds
IRF122 ISC-IRF122 Datasheet
48Kb / 2P
   Nanosecond Switching Speeds
BUZ21 ISC-BUZ21 Datasheet
66Kb / 2P
   Nanosecond Switching Speeds
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com